Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RFVC1832A Datasheet(PDF) 5 Page - RF Micro Devices

Part # RFVC1832A
Description  Multiple Frequency Outputs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFVC1832A Datasheet(HTML) 5 Page - RF Micro Devices

  RFVC1832A Datasheet HTML 1Page - RF Micro Devices RFVC1832A Datasheet HTML 2Page - RF Micro Devices RFVC1832A Datasheet HTML 3Page - RF Micro Devices RFVC1832A Datasheet HTML 4Page - RF Micro Devices RFVC1832A Datasheet HTML 5Page - RF Micro Devices RFVC1832A Datasheet HTML 6Page - RF Micro Devices RFVC1832A Datasheet HTML 7Page - RF Micro Devices RFVC1832A Datasheet HTML 8Page - RF Micro Devices RFVC1832A Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5 of 9
RFVC1832A
DS120518
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Pin Names and Description
Pin
Name
Description
Interface Schematic
1-3,7-10, 13-
18, 20, 22-
28,30-32
N/C
No internal connection.
4RFOUT/4
VCO RF output at Fo/4. Externally DC-blocked.
5,11,Package
Base
GND
Connect to PCB ground.
6
VCC_DIG
Supply voltage input for the integrated frequency
divider. Typical +5V. Ground this pin to disable dig-
ital divider and reduce current consumption by
60mA.
12
RFOUT/2
VCO RF output at Fo/2. Internally DC-blocked.
19
RFOUT
VCO RF output at Fo. Internally DC-blocked.
5 V
RFOUT/4
GND
VCC_DIG
RFOUT/2
RFOUT



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com