Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MAX2323 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX2323
Description  Triple/Dual-Mode CDMA LNA/Mixers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2323 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX2323 Datasheet HTML 1Page - Maxim Integrated Products MAX2323 Datasheet HTML 2Page - Maxim Integrated Products MAX2323 Datasheet HTML 3Page - Maxim Integrated Products MAX2323 Datasheet HTML 4Page - Maxim Integrated Products MAX2323 Datasheet HTML 5Page - Maxim Integrated Products MAX2323 Datasheet HTML 6Page - Maxim Integrated Products MAX2323 Datasheet HTML 7Page - Maxim Integrated Products MAX2323 Datasheet HTML 8Page - Maxim Integrated Products MAX2323 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Triple/Dual-Mode
CDMA LNA/Mixers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(VCC = +2.7V to +3.6V, RRBIAS = 20k
Ω, RRLNA = 24kΩ, TA = -40°C to +85°C, no RF applied. Typical values are VCC = 2.75V and
TA = +25°C, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC to GND ...............................................................0.3V, +4.3V
Digital Input Voltage to GND ......................-0.3V to (VCC + 0.3V)
LNA Input Level .....................................................................1Vp
LO, Mixer Input Levels .....................................................+5dBm
Digital Input Current .........................................................±10mA
Continuous Power Dissipation (TA = +70°C)
28-Pin QFN (derate 28.5mW/°C
above TA = +70°C) ...................................................2000mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) ................................ +300°C
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
PCS CDMA MODE (MAX2323)
Midgain mode
20.5
24
High-gain, low-linearity idle mode
22
25.5
Operating Supply Current
High-gain, high-linearity mode
25.5
30
mA
CELLULAR CDMA MODE (MAX2323/MAX2325)
Low-gain mode
18.0
21.5
Midgain mode
19.5
23.5
High-gain, low-linearity idle mode
19.5
23.5
Operating Supply Current
High-gain, high-linearity mode
26.5
31.5
mA
FM MODE (MAX2323/MAX2325)
Low-gain mode
15
18
Midgain mode
16.5
20
High-gain, low-linearity mode
16.5
20
Operating Supply Current
High-gain, high-linearity mode
23.5
28
mA
SHUTDOWN MODE
Shutdown Supply Current
SLEEP = high
1
25
µA
ALL MODES
Digital Input Logic High
Except SLEEP input
2.0
V
SLEEP Input Logic High
VCC -
0.6
V
Digital Input Logic Low
0.6
V
Digital Input Current High
5
µA
Digital Input Current Low
-25
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com