Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MAX2323 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX2323
Description  Triple/Dual-Mode CDMA LNA/Mixers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2323 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX2323 Datasheet HTML 1Page - Maxim Integrated Products MAX2323 Datasheet HTML 2Page - Maxim Integrated Products MAX2323 Datasheet HTML 3Page - Maxim Integrated Products MAX2323 Datasheet HTML 4Page - Maxim Integrated Products MAX2323 Datasheet HTML 5Page - Maxim Integrated Products MAX2323 Datasheet HTML 6Page - Maxim Integrated Products MAX2323 Datasheet HTML 7Page - Maxim Integrated Products MAX2323 Datasheet HTML 8Page - Maxim Integrated Products MAX2323 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Note 1: Devices are production tested for functionality at frequencies stated; 30 units from 3 independent wafer lots, when one lot
was at the upper process extreme, one lot was nominal, and one lot was at the lower process extreme, were characterized.
The resulting standard deviation therefore includes process variations. Data sheet limits are ±3
σ from the mean.
Note 2: Operation over this frequency range requires the ports to be rematched for the desired operating range. Performance at
various frequencies is indicated by the S-parameter data in Tables 3–7.
Note 3: Specifications are based on RBIAS = 20k
Ω. ICC for all LNAs (except HGHL) and mixers are inversely proportional to RRBIAS.
IIP3 can be traded for ICC by selecting other values of RRBIAS.
Triple/Dual-Mode
CDMA LNA/Mixers
4
_______________________________________________________________________________________
AC ELECTRICAL CHARACTERISTICS (continued)
(MAX2323 EV kit, FPLNAIN = 1960MHz, FCLNAIN = 881MHz, FIF = 110MHz, high-side LO, 50
Ω system, RRBIAS = 20kΩ,
RRLNA = 24k
Ω. Typical values are VCC = 2.75V, TA = +25°C. LO input power = -7dBm, LOW = 0V, HIGH = VCC, unless otherwise
noted.) (Note 1)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
CDMA HIGH-GAIN, LOW-LINEARITY PAGING MODE
Gain
TA = TMIN to TMAX
12.5
14
14.5
dB
LNA Noise Figure
1.9
2.1
dB
TA = +25
°C
4.5
5.5
LNA IIP3
(Note 3)
TA = TMIN to TMAX
3.0
dBm
CDMA MIDGAIN MODE
Gain
TA = TMIN to TMAX
-2.0
-1.0
-0.5
dB
Noise Figure
5.6
6.0
dB
IIP3
(Note 3)
12
13.5
dBm
CELLULAR MIXER PERFORMANCE (MAX2323/MAX2325)
CDMA, ALL MODES
Gain
TA = TMIN to TMAX
11.5
13
14.5
dB
Noise Figure
7.5
8.5
dB
IIP3
TA = TMIN to TMAX (Note 3)
3.5
4.8
dBm
FM MODE
Gain
TA = TMIN to TMAX
8.5
10
11.5
dB
Noise Figure
10.5
11.5
dB
IIP3
TA = TMIN to TMAX (Note 3)
1.5
5
dBm
PCS MIXER PERFORMANCE (MAX2323)
CDMA HIGH-GAIN, HIGH-LINEARITY MODE
Gain
TA = TMIN to TMAX
12
13.5
15.5
dB
Noise Figure
7.9
8.5
dB
IIP3
TA = TMIN to TMAX (Note 3)
1.5
4
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com