Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MAX2323 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX2323
Description  Triple/Dual-Mode CDMA LNA/Mixers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2323 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX2323 Datasheet HTML 1Page - Maxim Integrated Products MAX2323 Datasheet HTML 2Page - Maxim Integrated Products MAX2323 Datasheet HTML 3Page - Maxim Integrated Products MAX2323 Datasheet HTML 4Page - Maxim Integrated Products MAX2323 Datasheet HTML 5Page - Maxim Integrated Products MAX2323 Datasheet HTML 6Page - Maxim Integrated Products MAX2323 Datasheet HTML 7Page - Maxim Integrated Products MAX2323 Datasheet HTML 8Page - Maxim Integrated Products MAX2323 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Triple/Dual-Mode
CDMA LNA/Mixers
_______________________________________________________________________________________
3
AC ELECTRICAL CHARACTERISTICS
(MAX2323 EV kit, FPLNAIN = 1960MHz, FCLNAIN = 881MHz, FIF = 110MHz, high-side LO, 50
Ω system, RRBIAS = 20kΩ,
RRLNA = 24k
Ω. Typical values are VCC = 2.75V, TA = +25°C. LO input power = -7dBm, LOW = 0V, HIGH = VCC, unless otherwise
noted.) (Note 1)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
OVERALL PERFORMANCE
Low-Band RF Frequency Range
(Note 2)
850
950
MHz
High-Band RF Frequency
Range
MAX2323 (Note 2)
1800
2200
MHz
Low-Band LO Frequency Range
(Note 2)
800
1150
MHz
High-Band LO Frequency
Range
MAX2323 (Note 2)
1600
2300
MHz
IF Frequency Range
(Note 2)
40
400
MHz
LO Input Level
100
Ω input impedance
-7
-5
0
dBm
CELLULAR LNA PERFORMANCE (MAX2323/MAX2325)
CDMA AND FM HIGH-GAIN, HIGH-LINEARITY MODES
Gain
TA = TMIN to TMAX
14.5
15.5
17
dB
Noise Figure
1.7
1.9
dB
TA = +25
°C
9
10.5
IIP3
TA = TMIN to TMAX
7.5
dBm
CDMA HIGH-GAIN, LOW-LINEARITY PAGING MODE, AND FM HIGH-GAIN MODE
Gain
TA = TMIN to TMAX
13
14.5
16
dB
LNA Noise Figure
1.7
1.9
dB
TA = +25
°C
2.5
5
LNA IIP3
(Note 3)
TA = TMIN to TMAX
2.7
dBm
CDMA AND FM MIDGAIN MODES
Gain
TA = TMIN to TMAX
4.5
6
8
dB
Noise Figure
3.3
3.5
dB
TA = +25
°C
8.5
10
IIP3
(Note 3)
TA = TMIN to TMAX
5
dBm
CDMA AND FM LOW-GAIN MODES
Gain
TA = TMIN to TMAX
-4.5
-3.5
-1.5
dB
Noise Figure
7.5
8.5
dB
IIP3
(Note 3)
13
17.5
dBm
PCS LNA PERFORMANCE (MAX2323)
CDMA HIGH-GAIN, HIGH-LINEARITY MODE
Gain
TA = TMIN to TMAX
13.5
14.5
15.5
dB
Noise Figure
1.9
2.1
dB
TA = +25
°C7
8
IIP3
(Note 3)
TA = TMIN to TMAX
5.5
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com