Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MAX2323 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX2323
Description  Triple/Dual-Mode CDMA LNA/Mixers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2323 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX2323 Datasheet HTML 1Page - Maxim Integrated Products MAX2323 Datasheet HTML 2Page - Maxim Integrated Products MAX2323 Datasheet HTML 3Page - Maxim Integrated Products MAX2323 Datasheet HTML 4Page - Maxim Integrated Products MAX2323 Datasheet HTML 5Page - Maxim Integrated Products MAX2323 Datasheet HTML 6Page - Maxim Integrated Products MAX2323 Datasheet HTML 7Page - Maxim Integrated Products MAX2323 Datasheet HTML 8Page - Maxim Integrated Products MAX2323 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Triple/Dual-Mode
CDMA LNA/Mixers
_______________________________________________________________________________________
5
Pin Description
PIN
MAX2323
MAX2325
NAME
FUNCTION
1
1
RLNA
LNA Bias-Setting Pin. For nominal bias, connect a 24k
Ω resistor to ground. This
resistor value can be adjusted to alter the linearity of the input LNA in high-gain,
high-linearity CDMA modes.
2, 10, 23
N.C.
No Connection. Leave this pin floating.
2
PLNAIN
High-Band RF Input Port. Blocking capacitor is required, which may be used as part of
the matching network.
3, 8, 11,
12, 13, 18,
24, 25, 27
3, 8, 11, 12,
13, 17, 18,
24, 25, 27
GND
Ground
4
4
CLNAIN
Low-Band RF Input Port. Blocking capacitor is required, which may be used as part of
the matching network.
5
5
SLEEP
Logic Input. High shuts off entire device.
6
6
G2
Logic Input. See Tables 1 and 2 for details.
7
7
G1
Logic Input. See Tables 1 and 2 for details.
9
9
LOLIN
Low-Frequency LO Input Port. Requires blocking capacitor, which may be used as
part of an optional matching network.
10
LOHIN
High-Frequency LO Input Port. Requires blocking capacitor, which may be used as
part of an optional matching network.
14
14
MODE
Logic Input. See Tables 1 and 2 for details.
15
15
FMOUT
FM IF Output Port. Requires a pull-up inductor and a DC blocking capacitor, which
may be used as part of the matching network.
16
16
VCC
2.7V to 3.6V Supply Pin. Must be capacitively bypassed near the pin.
17
BAND
Logic Input. High selects high band (PCS). Low selects low band (cellular).
19, 20
19, 20
CDMA-,
CDMA+
Differential Output Port for CDMA Mode. Requires pull-up inductors and blocking
capacitors, which may be used as part of the matching network.
21
21
RBIAS
Bias Setting Pin. For nominal bias, connect a 20k
Ω resistor to ground. This resistor
value can be adjusted to alter the linearity of the mixers in all modes and the LNA in all
modes except high gain and high linearity.
22
22
CMIXIN
Low-Band Mixer Input Port. Requires blocking capacitor, which may be used as part of
the matching network.
23
PMIXIN
High-Band Mixer Input Port. Requires blocking capacitor, which may be used as part
of the matching network.
26
PLNAOUT
High-Band LNA Output Port. This port requires an external pull-up inductor and series
capacitor as part of the matching network.
26
VCC
2.7 to 3.6V Supply Pin. Bypassing is not necessary at this pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com