Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CC3100 Datasheet(PDF) 32 Page - Texas Instruments

Part # CC3100
Description  CC3100 SimpleLink Wi-Fi Network Processor, Internet-of-Things Solution for MCU Applications
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC3100 Datasheet(HTML) 32 Page - Texas Instruments

Back Button CC3100_15 Datasheet HTML 28Page - Texas Instruments CC3100_15 Datasheet HTML 29Page - Texas Instruments CC3100_15 Datasheet HTML 30Page - Texas Instruments CC3100_15 Datasheet HTML 31Page - Texas Instruments CC3100_15 Datasheet HTML 32Page - Texas Instruments CC3100_15 Datasheet HTML 33Page - Texas Instruments CC3100_15 Datasheet HTML 34Page - Texas Instruments CC3100_15 Datasheet HTML 35Page - Texas Instruments CC3100_15 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
CC3100
SWAS031D – JUNE 2013 – REVISED FEBRUARY 2015
www.ti.com
Table 6-1 lists the bill of materials for an application using the CC3100 wide-voltage mode.
Table 6-1. Bill of Materials for CC3100 Wide Voltage Mode ApplicationTable 6-1
Item
Qty
Reference
Value
Manufacturer
Part Number
Description
1
12
C1 C5 C6 C9
0.1 µF
Taiyo Yuden
LMK105BJ104KV-F
CAP CER 0.1 µF 10 V 10% X5R 0402
C10 C11 C12
C17 C18 C20
C21 C28
2
3
C2 C3 C4
4.7 µF
Samsung Electro-
CL05A475MQ5NRNC
CAP CER 4.7 µF 6.3 V 20% X5R 0402
Mechanics
America, Inc
3
1
C8
1.0 pF
Murata Electronics
GJM1555C1H1R0BB01D
CAP CER 1 pF 50 V NP0 0402
North America
4
1
C13
22 µF
Taiyo Yuden
AMK107BBJ226MAHT
CAP CER 22 µF 4 V 20% X5R 0603
5
1
C16
10 µF
Murata Electronics
GRM188R60J106ME47D
CAP CER 10 µF 6.3 V 20% X5R 0603
North America
6
2
C22 C23
10 pF
Murata Electronics
GRM1555C1H100FA01D
CAP CER 10 pF 50 V 1% NP0 0402
North America
7
2
C24 C25
6.2 pF
Kemet
CBR04C609B1GAC
CAP CER 6 pF 100 V NP0 0402
8
2
C26 C27
100 µF
TDK Corportation
C3216X5R0J107M160AB
CAP CER 100 µF 6.3 V 20% X5R 1206
9
1
E1
2.45G
Taiyo Yuden
AH316M245001-T
ANT BLUETOOTH WLAN ZIGBEE
Hz Ant
WIMAX
10
1
FL1
2.4G Hz
TDK-Epcos
DEA202450BT-1294C1-H
FILTER BANDPASS 2.45 GHZ WLAN
Filter
SMD
11
1
L2
3.6 nH
Murata Electronics
LQP15MN3N6B02D
INDUCTOR 3.6 nH 0.1 nH 0402
North America
12
1
L4
2.2 µH
Murata Electronics
LQM2HPN2R2MG0L
INDUCTOR 2.2 µH 20% 1300 mA 1008
North America
13
1
U1
CC3100
Texas Instruments
CC3100R1
802.11bg Wi-Fi Processor
14
1
U2
8M (1M
Winbond
W25Q80BWZPIG
IC FLASH 8 Mb 75 MHZ 8WSON
x 8)
15
1
Y1
Crystal
Abracon
ABS07-32.768KHZ-T
CRYSTAL 32.768 KHZ 12.5 pF SMD
Corporation
16
1
Y2
Crystal
Epson
Q24FA20H00396
CRYSTAL 40 MHZ 8 pF SMD
NOTE
Use any 5% tolerance resistor 0402 or higher package.
6.1.2
Typical Application – CC3100 Preregulated 1.85-V Mode
Figure 6-2 shows the schematics for an application using the CC3100 preregulated 1.85-V mode.
32
Applications and Implementation
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC3100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com