Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CC3100 Datasheet(PDF) 10 Page - Texas Instruments

Part # CC3100
Description  CC3100 SimpleLink Wi-Fi Network Processor, Internet-of-Things Solution for MCU Applications
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC3100 Datasheet(HTML) 10 Page - Texas Instruments

Back Button CC3100_15 Datasheet HTML 6Page - Texas Instruments CC3100_15 Datasheet HTML 7Page - Texas Instruments CC3100_15 Datasheet HTML 8Page - Texas Instruments CC3100_15 Datasheet HTML 9Page - Texas Instruments CC3100_15 Datasheet HTML 10Page - Texas Instruments CC3100_15 Datasheet HTML 11Page - Texas Instruments CC3100_15 Datasheet HTML 12Page - Texas Instruments CC3100_15 Datasheet HTML 13Page - Texas Instruments CC3100_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
CC3100
SWAS031D – JUNE 2013 – REVISED FEBRUARY 2015
www.ti.com
4.6
Electrical Characteristics (3.3 V, 25°C)
PARAMETER
TEST
MIN
NOM
MAX
UNIT
CONDITIONS
CIN
Pin capacitance
4
pF
VIH
High-level input voltage
0.65 × VDD
VDD + 0.5 V
V
VIL
Low-level input voltage
–0.5
0.35 × VDD
V
IIH
High-level input current
5
nA
IIL
Low-level input current
5
nA
VOH
High-level output voltage
2.4
V
(VDD = 3.0 V)
VOL
Low-level output voltage
0.4
V
(VDD = 3.0 V)
IOH
High-level source current, VOH = 2.4
6
mA
IOL
Low-level sink current, VOH = 0.4
6
mA
Pin Internal Pullup and Pulldown (25°C)
TEST
MIN
NOM
MAX
UNIT
PARAMETER
CONDITIONS
IOH
Pull-Up current, VOH = 2.4
5
10
µA
(VDD = 3.0 V)
IOL
Pull-Down current, VOL = 0.4
5
µA
(VDD = 3.0 V)
VIL
nRESET(1)
0.6
V
(1)
The nRESET pin must be held below 0.6 V for the device to register a reset.
4.7
WLAN Receiver Characteristics
TA = +25°C, VBAT = 2.1 to 3.6 V. Parameters measured at SoC pin on channel 7 (2442 MHz)
Parameter
Condition (Mbps)
Min
Typ
Max
Units
1 DSSS
–95.7
2 DSSS
–93.6
11 CCK
–88.0
6 OFDM
–90.0
Sensitivity
9 OFDM
–89.0
(8% PER for 11b rates, 10% PER for
18 OFDM
–86.0
11g/11n rates)(10% PER)(1)
dBm
36 OFDM
–80.5
54 OFDM
–74.0
MCS0 (GF)(2)
–89.0
MCS7 (GF)(2)
–71.0
Maximum input level
802.11b
–4.0
(10% PER)
802.11g
–10.0
(1)
Sensitivity is 1-dB worse on channel 13 (2472 MHz).
(2)
Sensitivity for mixed mode is 1-dB worse.
4.8
WLAN Transmitter Characteristics
10
Specifications
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC3100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com