Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CC3100 Datasheet(PDF) 28 Page - Texas Instruments

Part # CC3100
Description  CC3100 SimpleLink Wi-Fi Network Processor, Internet-of-Things Solution for MCU Applications
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC3100 Datasheet(HTML) 28 Page - Texas Instruments

Back Button CC3100_15 Datasheet HTML 24Page - Texas Instruments CC3100_15 Datasheet HTML 25Page - Texas Instruments CC3100_15 Datasheet HTML 26Page - Texas Instruments CC3100_15 Datasheet HTML 27Page - Texas Instruments CC3100_15 Datasheet HTML 28Page - Texas Instruments CC3100_15 Datasheet HTML 29Page - Texas Instruments CC3100_15 Datasheet HTML 30Page - Texas Instruments CC3100_15 Datasheet HTML 31Page - Texas Instruments CC3100_15 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
CC3100
SWAS031D – JUNE 2013 – REVISED FEBRUARY 2015
www.ti.com
Table 5-1. Summary of Features Supported by the NWP Subsystem (continued)
Item
Domain
Category
Feature
Details
15
WLAN
Performance
Initialization time
From enable to first connection to open AP less than
50 ms
16
WLAN
Performance
Throughput
UDP = 16 Mbps
17
WLAN
Performance
Throughput
TCP = 13 Mbps
18
WLAN
Provisioning
WPS2
Enrollee using push button or PIN method.
19
WLAN
Provisioning
AP Config
AP mode for initial product configuration (with
configurable Web page and beacon Info element)
20
WLAN
Provisioning
SmartConfig
Alternate method for initial product configuration
21
WLAN
Role
Station
802.11bgn Station with legacy 802.11 power save
22
WLAN
Role
Soft AP
802.11 bg single station with legacy 802.11 power
save
23
WLAN
Role
P2P
P2P operation as GO
24
WLAN
Role
P2P
P2P operation as CLIENT
25
WLAN
Security
STA-Personal
WPA2 personal security
26
WLAN
Security
STA-Enterprise
WPA2 enterprise security
27
WLAN
Security
STA-Enterprise
EAP-TLS
28
WLAN
Security
STA-Enterprise
EAP-PEAPv0/TLS
29
WLAN
Security
STA-Enterprise
EAP-PEAPv1/TLS
30
WLAN
Security
STA-Enterprise
EAP-PEAPv0/MSCHAPv2
31
WLAN
Security
STA-Enterprise
EAP-PEAPv1/MSCHAPv2
32
WLAN
Security
STA-Enterprise
EAP-TTLS/EAP-TLS
33
WLAN
Security
STA-Enterprise
EAP-TTLS/MSCHAPv2
34
WLAN
Security
AP-Personal
WPA2 personal security
5.4
Power-Management Subsystem
The CC3100 power-management subsystem contains DC-DC converters to accommodate the differing
voltage or current requirements of the system.
Digital DC-DC
Input: VBAT wide voltage (2.1 to 3.6 V) or preregulated 1.85 V
ANA1 DC-DC
Input: VBAT wide voltage (2.1 to 3.6 V)
In preregulated 1.85-V mode, the ANA1 DC-DC converter is bypassed.
PA DC-DC
Input: VBAT wide voltage (2.1 to 3.6 V)
In preregulated 1.85-V mode, the PA DC-DC converter is bypassed.
In preregulated 1.85-V mode, the ANA1 DC-DC and PA DC-DC converters are bypassed. The CC3100
device is a single-chip WLAN radio solution used on an embedded system with a wide-voltage supply
range. The internal power management, including DC-DC converters and LDOs, generates all of the
voltages required for the device to operate from a wide variety of input sources. For maximum flexibility,
the device can operate in the modes described in the following sections.
5.4.1
VBAT Wide-Voltage Connection
In the wide-voltage battery connection, the device is powered directly by the battery. All other voltages
required to operate the device are generated internally by the DC-DC converters. This scheme is the most
common mode for the device as it supports wide-voltage operation from 2.1 to 3.6 V (for electrical
connections, see Section 6.1.1, Typical Application – CC3100 Wide-Voltage Mode).
28
Detailed Description
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC3100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com