Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CC3100 Datasheet(PDF) 2 Page - Texas Instruments

Part # CC3100
Description  CC3100 SimpleLink Wi-Fi Network Processor, Internet-of-Things Solution for MCU Applications
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC3100 Datasheet(HTML) 2 Page - Texas Instruments

  CC3100_15 Datasheet HTML 1Page - Texas Instruments CC3100_15 Datasheet HTML 2Page - Texas Instruments CC3100_15 Datasheet HTML 3Page - Texas Instruments CC3100_15 Datasheet HTML 4Page - Texas Instruments CC3100_15 Datasheet HTML 5Page - Texas Instruments CC3100_15 Datasheet HTML 6Page - Texas Instruments CC3100_15 Datasheet HTML 7Page - Texas Instruments CC3100_15 Datasheet HTML 8Page - Texas Instruments CC3100_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
CC3100
SWAS031D – JUNE 2013 – REVISED FEBRUARY 2015
www.ti.com
1.2
Applications
For Internet-of-Things applications, such as:
Cloud Connectivity
Internet Gateway
Home Automation
Industrial Control
Home Appliances
Smart Plug and Metering
Access Control
Wireless Audio
Security Systems
IP Network Sensor Nodes
Smart Energy
1.3
Description
Connect any low-cost, low-power microcontroller (MCU) to the Internet of Things (IoT). The CC3100
device is the industry's first Wi-Fi CERTIFIED chip used in the wireless networking solution. The CC3100
device is part of the new SimpleLink Wi-Fi family that dramatically simplifies the implementation of Internet
connectivity. The CC3100 device integrates all protocols for Wi-Fi and Internet, which greatly minimizes
host MCU software requirements. With built-in security protocols, the CC3100 solution provides a robust
and simple security experience. Additionally, the CC3100 device is a complete platform solution including
various tools and software, sample applications, user and programming guides, reference designs and the
TI E2E™ support community. The CC3100 device is available in an easy-to-layout QFN package.
The Wi-Fi network processor subsystem features a Wi-Fi Internet-on-a-Chip and contains an additional
dedicated ARM MCU that completely offloads the host MCU. This subsystem includes an 802.11 b/g/n
radio, baseband, and MAC with a powerful crypto engine for fast, secure Internet connections with 256-bit
encryption. The CC3100 device supports Station, Access Point, and Wi-Fi Direct modes. The device also
supports WPA2 personal and enterprise security and WPS 2.0. This subsystem includes embedded
TCP/IP and TLS/SSL stacks, HTTP server, and multiple Internet protocols.
The power-management subsystem includes integrated DC-DC converters supporting a wide range of
supply voltages. This subsystem enables low-power consumption modes, such as the hibernate with RTC
mode requiringabout 4
μA of current.
The CC3100 device can connect to any 8, 16, or 32-bit MCU over the SPI or UART Interface. The device
driver minimizes the host memory footprint requirements requiring less than 7KB of code memory and 700
B of RAM memory for a TCP client application.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE
CC3100R11MRGCR/T
QFN (64)
9.0 mm x 9.0 mm
(1)
For all available packages, see the orderable addendum at the end of the datasheet.
2
Device Overview
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC3100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com