Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L5101G-AG6-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # L5101G-AG6-R
Description  WHITE LED STEP-UP CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L5101G-AG6-R Datasheet(HTML) 4 Page - Unisonic Technologies

  L5101G-AG6-R Datasheet HTML 1Page - Unisonic Technologies L5101G-AG6-R Datasheet HTML 2Page - Unisonic Technologies L5101G-AG6-R Datasheet HTML 3Page - Unisonic Technologies L5101G-AG6-R Datasheet HTML 4Page - Unisonic Technologies L5101G-AG6-R Datasheet HTML 5Page - Unisonic Technologies L5101G-AG6-R Datasheet HTML 6Page - Unisonic Technologies L5101G-AG6-R Datasheet HTML 7Page - Unisonic Technologies L5101G-AG6-R Datasheet HTML 8Page - Unisonic Technologies L5101G-AG6-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
L5101
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 10
www.unisonic.com.tw
QW-R103-026.B
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage
VIN
6
V
SW Voltage
VSW
33
V
FB Voltage
VFB
6
V
SHDN Voltage
VSHDN
6
V
OVP Voltage
VOVP
34
V
Junction Temperature
TJ
+125
℃
Operating Temperature Range
TOPR
-20 ~ +85
℃
Storage Temperature Range
TSTG
-40 ~ +150
℃
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (VSHDN=3V, VIN=3V, Ta=25℃, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Operating Voltage
VIN
2.5
5.5
V
Switching
2
5
Non switching
1
2
mA
Supply Current
IIN
VSHDN=0V
0.1
1.0
μA
ERROR AMPLIFIER
Feedback Voltage
VFB
85
95
105
mV
FB Input Bias Current
IFB
VFB=95mV
100
nA
OSCILLATOR
Switching Frequency
fSW
0.8
1.2
1.6
MHz
Maximum Duty Cycle
DC
85
90
%
POWER SWITCH
SW ON Resistance
RON(SW)
1.4
5
Ω
Switch Leakage Current
ILEAK (SW)) VSW=33V
0.1
1
μA
CONTROL INPUT
High
VIH(SHDN) ON
1.5
V
Shutdown Voltage
Low
VIL(SHDN) OFF
0.3
V
OVER VOLTAGE PROTECTION
OVP Input Resistance
RIN(OVP)
0.6
1.2
1.8
MΩ
OVP Threshold
VTHR(OVP) 1V Hysteresis typical
22
27
32
V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com