Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L5101G-AG6-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # L5101G-AG6-R
Description  WHITE LED STEP-UP CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L5101G-AG6-R Datasheet(HTML) 7 Page - Unisonic Technologies

Back Button L5101G-AG6-R Datasheet HTML 2Page - Unisonic Technologies L5101G-AG6-R Datasheet HTML 3Page - Unisonic Technologies L5101G-AG6-R Datasheet HTML 4Page - Unisonic Technologies L5101G-AG6-R Datasheet HTML 5Page - Unisonic Technologies L5101G-AG6-R Datasheet HTML 6Page - Unisonic Technologies L5101G-AG6-R Datasheet HTML 7Page - Unisonic Technologies L5101G-AG6-R Datasheet HTML 8Page - Unisonic Technologies L5101G-AG6-R Datasheet HTML 9Page - Unisonic Technologies L5101G-AG6-R Datasheet HTML 10Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
L5101
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
7 of 10
www.unisonic.com.tw
QW-R103-026.B
APPLICATION INFORMATION(Cont.)
2. Using a DC Voltage
SW
GND
L1
10µH
VIN
SHDN
OVP
FB
UTC L5101
C1
1µF
VIN
RFB
4.7Ω
C2
1µF
D1
R2
R1
51K
1K
VDC
0~5V
Fig. 4 Dimming Control Using a DC Voltage
3. Using a Filtered PWM Signal
SW
GND
L1
10µH
VIN
SHDN
OVP
FB
UTC L5101
C1
1µF
VIN
RFB
4.7Ω
C2
1µF
D1
R2
51K
R1
1K
PWM
C3
0.1µF
5.1K
R3
Fig. 5 Dimming Control Using a Filter PWM Signal



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com