Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L5101G-AG6-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # L5101G-AG6-R
Description  WHITE LED STEP-UP CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L5101G-AG6-R Datasheet(HTML) 1 Page - Unisonic Technologies

  L5101G-AG6-R Datasheet HTML 1Page - Unisonic Technologies L5101G-AG6-R Datasheet HTML 2Page - Unisonic Technologies L5101G-AG6-R Datasheet HTML 3Page - Unisonic Technologies L5101G-AG6-R Datasheet HTML 4Page - Unisonic Technologies L5101G-AG6-R Datasheet HTML 5Page - Unisonic Technologies L5101G-AG6-R Datasheet HTML 6Page - Unisonic Technologies L5101G-AG6-R Datasheet HTML 7Page - Unisonic Technologies L5101G-AG6-R Datasheet HTML 8Page - Unisonic Technologies L5101G-AG6-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
UNISONIC TECHNOLOGIES CO., LTD
L5101
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 10
Copyright © 2009 Unisonic Technologies Co., Ltd
QW-R103-026.B
WHITE LED STEP-UP
CONVERTER
DESCRIPTION
The UTC L5101 is a constant current step-up PWM DC/DC
converter optimized to drive white LEDs. It can drive LEDs in series
with a Li-Ion cell.
The switching frequency of the internal NPN is up to 1.2MHz.
High frequency allows the use of tiny external components and the
current setting resistor has minimum power dissipation for the low
feedback voltage of 95mV. The built-in OVP prevents the UTC
L5101
damage from the open load condition.
Series connection of LEDs provides identical LED currents which
contributes to uniform brightness, saving the use of ballast
resistors.
The UTC L5101 is universally used in cellular phones, PDAs ,
DSCs, handheld devices, and white LED display backlighting.
FEATURES
* Open Circuit and Over Voltage Protection
* High Efficiency: 86% Typical
* Switching Frequency: 1.2MHz
* Supply Current is 1.0mA
* Matches LED Current
* Requires Tiny Inductor and Capacitors
* Halogen Free
SOT-26
4
5
3
2
1
6
ORDERING INFORMATION
Ordering Number
Package
Packing
L5101G-AG6-R
SOT-26
Tape Reel
MARKING


Similar Part No. - L5101G-AG6-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L5101G-AG6-R UTC-L5101G-AG6-R Datasheet
259Kb / 10P
WHITE LED STEP-UP CONVERTER
More results

Similar Description - L5101G-AG6-R

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1521 ANACHIP-AP1521 Datasheet
200Kb / 8P
White LED Step-Up Converter
Rev. 0.1 Apr. 27, 2004
logo
IXYS Corporation
MX841 IXYS-MX841 Datasheet
202Kb / 6P
White LED Step-Up Converter
logo
Unisonic Technologies
L1937 UTC-L1937 Datasheet
60Kb / 7P
WHITE LED STEP-UP CONVERTER
L5100 UTC-L5100 Datasheet
121Kb / 7P
WHITE LED STEP-UP CONVERTER
logo
Gamma Microelectronics ...
GM1937 GAMMA-GM1937 Datasheet
133Kb / 9P
WHITE LED STEP-UP CONVERTER
logo
Diodes Incorporated
AP5726 DIODES-AP5726_10 Datasheet
299Kb / 17P
WHITE LED STEP-UP CONVERTER
DS31845 Rev. 3 - 2
logo
Unisonic Technologies
L5100 UTC-L5100_10 Datasheet
294Kb / 7P
WHITE LED STEP-UP CONVERTER
logo
BCD Semiconductor Manuf...
AP3019A BCDSEMI-AP3019A Datasheet
619Kb / 15P
WHITE LED STEP-UP CONVERTER
AP3036 BCDSEMI-AP3036 Datasheet
484Kb / 14P
WHITE LED STEP-UP CONVERTER
logo
Diodes Incorporated
AP3036B DIODES-AP3036B Datasheet
517Kb / 11P
WHITE LED STEP-UP CONVERTER
Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com