Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L5101G-AG6-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # L5101G-AG6-R
Description  WHITE LED STEP-UP CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L5101G-AG6-R Datasheet(HTML) 6 Page - Unisonic Technologies

Back Button L5101G-AG6-R Datasheet HTML 2Page - Unisonic Technologies L5101G-AG6-R Datasheet HTML 3Page - Unisonic Technologies L5101G-AG6-R Datasheet HTML 4Page - Unisonic Technologies L5101G-AG6-R Datasheet HTML 5Page - Unisonic Technologies L5101G-AG6-R Datasheet HTML 6Page - Unisonic Technologies L5101G-AG6-R Datasheet HTML 7Page - Unisonic Technologies L5101G-AG6-R Datasheet HTML 8Page - Unisonic Technologies L5101G-AG6-R Datasheet HTML 9Page - Unisonic Technologies L5101G-AG6-R Datasheet HTML 10Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
L5101
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 10
www.unisonic.com.tw
QW-R103-026.B
APPLICATION INFORMATION
Recommended Component Selection
* Inductor Selection: A 10μH inductor is recommended for most applications.
* Capacitor Selection: The small size of ceramic capacitor makes it ideal for UTC L5101 applications, X5R and X7R
types are recommended because of their stable characteristics, 1μF input capacitor with 1μF
output capacitor is sufficient for most UTC L5101 applications.
* Diode Selection: Schottky diode, for its low forward voltage drop and fast reverse recovery, is an ideal choice for
the UTC L5101 diode. A Schottky diode rated 100mA to 200mA is sufficient for most UTC L5101
applications, and the higher current rating usually have larger diode capacitance which can
cause significant switching losses at the 1.2MHz switching frequency.
LED Current Control
A feedback resistor (precision 1% recommended) as feedback resistor control the LED current. (RFB in Figure 1)
* Feedback reference voltage: 95mV.
* LED current is 95mV/RFB.
* The formula for RFB selection: RFB=95mV/ILED
Open-Circuit Protection
The OVP(Over Voltage Protection) protects the voltage lower than its maximum level under the open circuit
condition, which is caused by the failure or disconnection of the LEDs. The above undesired fault conditions will
cause the feedback voltage falling to 0V, then the UTC L5101 increases duty circle resulting in a high voltage in SW
pin.
Dimming Control
There are three different ways of dimming control circuits as follows:
1. Using a PWM signal
SW
GND
L1
10µH
VIN
SHDN
OVP
FB
UTC L5101
C1
1µF
VIN
RFB
4.7Ω
C2
1µF
D1
R2
R1
51K
1K
PWM
Fig. 2 Dimming Control Using a PWM Signal
Fig. 3 Dimming Control with a PWM Signal



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com