Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AXP152 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # AXP152
Description  Enhanced Power Supply IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP152 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  AXP152 Datasheet HTML 1Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 2Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 3Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 4Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 5Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 6Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 7Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 8Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
VQ.QW WPPIQPWE CC
Confidential
Page 4/34
Enhanced Power Supply IC
AXP152
2.特性(Feature)
• 4 路同步降压转换器 (DC-DC)
o
DC-DC1:PFM/PWM 两种工作模式,可在
1.7-3.5V 之间部分调节,驱动能力 1A
o
DC-DC2:PFM/PWM 两种工作模式,可在
0.7-2.275V 之间调节,25mV/step,驱动能
力
2A,支持 DVM
o
DC-DC3:PFM/PWM 两种工作模式,可在
0.7-3.5V 之间调节,50mV/step,驱动能力 1.2A
o
DC-DC4:PFM/PWM 两种工作模式,可在
0.7-3.5V 之间调节,25mV/step,驱动能力 1.2A
• 系统管理(System Management)
o 支持软关机和硬关机
o 支持外部触发源唤醒
o 支持输出电压监测
o 输出
PWROK,用于系统复位或关机指示
o 过
/欠压保护 (OVP/UVP)
o 过温保护
(OTP)
o 可定制时序和输出电压
• 7 路线性稳压器 (LDO)
o
LDO0:输出电压可调,驱动能力 1.5A,内部
500/900/1500mA 限流
o
RTCLDO:1 路 RTC31,输出 3.1V(可外灌)。
1 路 RTC13,输出电压 1.3/1.8V 可选
o
ALDO1:Analog LDO,1.2-3.3V 部分可调,
驱动能力
300mA
o
ALDO2:Analog LDO,1.2-3.3V 部分可调,
驱动能力
300mA
o
DLDO1:Digtal LDO 或 Swtich,0.7-3.5V 可调,
100mV/step,驱动能力 300mA
o
DLDO2:Digtal LDO 或 Swtich,0.7-3.5V 可调,
25mV/step,驱动能力 300mA
o
GPIOLDO:low noise LDO, 1.8-3.3V 可调节,
100mV/step, 驱动能力 20mA
• 应用处理器接口(Host Interface)
o
Host 可以通过 TWSI 接口进行数据交换
o 可以灵活配置的中断及休眠管理
o 灵活的管脚功能设置,多路
GPIO 可灵活配置
o 内置可配置计时器



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com