Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AXP152 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # AXP152
Description  Enhanced Power Supply IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP152 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button AXP152 Datasheet HTML 5Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 6Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 7Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 8Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 9Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 10Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 11Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 12Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
VQ.QW WPPIQPWE CC
Confidential
Page 9/34
Enhanced Power Supply IC
AXP152
SYMBOL
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNITS
RTC13
VRTC13
Output Voltage
IRTC31=1mA
-1%
1.3
1.8
1%
V
IRTC13
Output Current
30
mA
ALDO1
VALDO1
Output Voltage
IALDO1=1mA
-1%
3
1%
V
IALDO1
Output Current
300
mA
IQ
Quiescent Current
55
μA
PSRR
Power Supply Rejection Ratio
VALDOIN =4.2V,Vo=1.8V,
IALDO1=10mA,1KHz
85
dB
eN
Output Noise,<20KHz
VALDOIN =3.6V,Vo=1.8V ,
Io=60mA
43
μVRMS
ALDO2
VALDO2
Output Voltage
IALDO2=1mA
-1%
1.2
1%
V
IALDO2
Output Current
300
mA
IQ
Quiescent Current
55
μA
PSRR
Power Supply Rejection Ratio
VALDOIN =4.2V,Vo=1.8V,
IALDO2=10mA,1KHz
81
dB
eN
Output Noise,<20KHz
VALDOIN =3.6V,Vo=1.8V ,
Io=60mA
38
μVRMS
DLDO1
VDLDO1
Output Voltage
IDLDO1=1mA
-1%
2.8
1%
V
IDLDO1
Output Current
300
mA
IQ
Quiescent Current
55
μA
PSRR
Power Supply Rejection Ratio
VDLDOIN =4.2V,Vo=1.8V,
IDLDO1=10mA,1KHz
55
dB
DLDO2
VDLDO2
Output Voltage
IDLDO2=1mA
-1%
1.8
1%
V
IDLDO2
Output Current
300
mA
IQ
Quiescent Current
55
μA
PSRR
Power Supply Rejection Ratio
VDLDOIN =4.2V,Vo=1.8V,
IDLDO2=10mA,1KHz
55
dB
GPIOLDO
VGPIOLDO
Output Voltage
IGPIOLDO=1mA
-1%
2.8
1%
V
IGPIOLDO
Output Current
20
mA
IQ
Quiescent Current
123
μA
eN
Output Noise,<20KHz
VALDOIN =3.6V,Vo=1.8V ,
Io=60mA
37
μVRMS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com