Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AXP152 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # AXP152
Description  Enhanced Power Supply IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP152 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  AXP152 Datasheet HTML 1Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 2Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 3Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 4Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 5Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 6Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 7Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 8Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
VQ.QW WPPIQPWE CC
Confidential
Page 5/34
Enhanced Power Supply IC
AXP152
3.典型应用(Typical Application)
• 单独使用(适用于单节电池或无电池系统)
GND
1
2
3
4
5
6
7
8
9
10
GPIO1
PWRON
DC3SET
DCDC2
VIN2
LX2
DLDOIN
PGND2
20
19
18
17
33
15
14
13
12
11
21
22
23
24
25
26
27
28
29
30
31
32
16
34
35
36
37
38
39
40
IRQ
LDO0
N_RSTO
SCK
SDA
PGND1
LX1
VIN1
DCDC1
GPIO0
DLDO1
DLDO2
DCDC3
VIN3
LX3
PGND3
VINT
PWROK
RTC13
RTC31
ALDOIN
VREF
LDO0EN
LDO0IN
VIN4
LX4
PGND4
DCDC4
PWREN
GPIO2
ALDO1
ALDO2
Reset
GND
NMI
SCK
SDA
RESET
PWREN
VCCIO
10k
RTC31
10k
3.3uH
DCDC3
10uF
GND
1nF
VINT
GND
3.3uH
DCDC4
10uF
GND
1nF
2.2uH
DCDC1
10uF
GND
1nF
3.3uH
DCDC2
10uF
GND
1nF
10uF
VIN
ALDO1
GND
4.7uF
GND
ALDO2
4.7uF
GND
10uF
VIN
DLDO1
GND
4.7uF
GND
DLDO2
4.7uF
GND
1uF
GND
RTC13
1uF
GND
1uF
GND
GND
10uF
GND
10uF
VIN
GND
10uF
VIN
GND
10uF
VIN
GND
10uF
VIN
LDO0
10uF
GND
RTC31
1uF
GND
EP
GND
VIN
Power On/Off
GND
2.2k
2.2k
51k
VCCIO
RTC31
NC/51k
1K
100p
GND
N_RSTO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com