Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AXP152 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # AXP152
Description  Enhanced Power Supply IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP152 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button AXP152 Datasheet HTML 3Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 4Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 5Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 6Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 7Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 8Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 9Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 10Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
VQ.QW WPPIQPWE CC
Confidential
Page 7/34
Enhanced Power Supply IC
AXP152
4.极限参数(Absolute Maximum Ratings)
Symbol
Description
Value
Units
LDO0IN
Input Voltage 输入电压
-0.3 to 11
V
ALDOIN
Input Voltage 输入电压
-0.3 to 6
V
TJ
Operating Temperature Range 工作温度
-40 to 130
℃
Ts
Storage Temperature Range 储运温度
-40 to 150
℃
TLEAD
Maximum Soldering Temperature (at leads,10sec)
锡焊温度
300
℃
VESD
Maximum ESD stress voltage,Human Body Model
抗静电能力
>4000
V
PD
Internal Power Dissipation
内部功率消耗耐受
mW
5.电气特性(Electrical Characteristics)
VLDO0IN =5V, VALDOIN =3.8V, TA= 25℃
SYMBOL
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNITS
LDO0IN
VIN
LDO0IN Input Voltage
3
6.8
V
ALDOIN
VIN
ALDOIN Input Voltage
3
5.5
V
VUVLO
ALDOIN Under Voltage Lockout
Default
3.3
V
Off Mode Current
IOFF
OFF Mode Current
LDO0IN=ALDOIN=
0V, RTC31=3.3V
15
μA
Logic
VIL
Logic Low Input Voltage
0.3
V
VIH
Logic High Input Voltage
2
V
TWSI
VCC
Input Supply Voltage
3.3
V
ADDRESS
TWSI Address
Default
0x60
fSCK
Clock Operating Frequency
400
kHZ
tf
Clock Data Fall Time
2.2Kohm Pull High
60
ns
tr
Clock Data Rise Time
2.2Kohm Pull High
100
ns
DCDC
fOSC
Oscillator Frequency
Default
2.25
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com