Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AXP209 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # AXP209
Description  Enhanced single Cell Li-Battery and Power System Management IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP209 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  AXP209 Datasheet HTML 1Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 2Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 3Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 4Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 5Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 6Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 7Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 8Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 45 page
background image
AXP209
Enhanced single Cell Li-Battery and Power System Management IC
1. Overview
AXP209 is designed to be a highly-integrated power system management IC that is optimized for
applications requiring single-cell Li-battery (Li-Ion/Polymer) and multiple output DC-DC converters. It is
offering an easy-to-use and flexible complete solution which can fully meet the increasingly complexity
of accurate power control required by modern application processor system.
AXP209 Incorporates an adaptive USB-Compatible PWM Charger, 2 Buck DC-DC converters,5 Linear
regulators (LDOs), Voltage/Current/Temperature and other multi-channel 12-Bit ADC, as well as 4
Configurable GPIOs. To ensure power system safety and stability, the AXP209 also integrates over/under
(OVP / UVP), Over temperature(OTP), and Overcurrent (OCP) Protection circuits.
With Intelligent Power Select, IPS™ circuits, the AXP209 can distribute power safely and transparently
among external AC-adapter, Li-battery and application system load. It can still work normally when
there is no battery (e.g. deeply discharged/defective battery) but only external input power source.
The AXP209 provides a small, simple solution for obtaining power from three different power sources;
single-cell Li-Ion battery, USB port, and AC-adapter. It can also support a rechargeable backup battery
too.
To ensure compatibility with a wide range of system processors, AXP209 uses a Two Wire Serial
Interface (TWSI), through which application processor is capable of enabling/disabling power rails,
programming voltages, accessing internal registers, as well as measurement data (including Fuel
Gauge). With the power monitoring results of high precision (1%, determined by the 1% BIAS
resistance), end users will always know the real-time power consumption, which can bring them an
unprecedented experience of power management.
AXP209 Provided 6mm x 6mm 48-pin QFN Package.
Applications
Pin Definition
 Handheld mobile devices
Smart mobile phones, PMP / MP4, Number of
Cameras, Digital cameras, Handheld
guide, Air Equipment, GPS, PDA,
Handheld digital Radio and television
receivers
Mobile Internet Devices, xPad
Digital photo frame, portable DVD
Player Ultra-Mobile PCs UMPC and
UMPC-like, Learning machine
Should With Department Li Device
Power Road Department EC
Application Processor systems
Other batteries and multi-power
applications
Confidential
Page 3/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com