Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AXP209 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # AXP209
Description  Enhanced single Cell Li-Battery and Power System Management IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP209 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button AXP209 Datasheet HTML 2Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 3Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 4Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 5Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 6Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 7Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 8Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 9Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
AXP209
Enhanced single Cell Li-Battery and Power System Management IC
4. Absolute Maximum Ratings
Symbol
Description
Value
Units
ACIN
Input Voltage
-0.3 To 11
V
VBUS
Input Voltage
-0.3 To 11
V
TJ
Operating Temperature Range
-40 To 130
Ts
Storage Temperature Range
-40 To 150
TLEAD
Maximum Soldering Temperature (at leads,10sec)
300
VESD
Maximum ESD stress voltage, Human Body Model
> 4000
V
PD
Internal Power Dissipation
2100
mW
5. Electrical Characteristics
VIN = 5V, BAT = 3.8V, TA= 25℃
SYMBOL
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNITS
ACIN
VIN
ACIN Input Voltage
3.8
6.3
V
IOUT
VOUT Current Available Before
500mV Voltage Drop
2500
mA
Loading BAT
VUVLO
ACIN Under Voltage Lockout
3.8
V
VOUT
IPS Output Voltage
2.9
5.0
V
RACIN
Internal
Ideal
Diode
On
PIN to PIN, ACIN to
170
Resistance
IPSOUT
VBUS
VIN
VBUS Input Voltage
3.8
6.3
V
IOUT
VOUT Current Available Before
500
900
mA
Loading BAT
VUVLO
VBUS Under Voltage Lockout
3.8
V
VOUT
IPS Output Voltage
2.9
5.0
V
RVBUS
Internal
Ideal
Diode
On
PIN to PIN, VBUS to
300
Resistance
IPSOUT
Battery Charger
VTRGT
BAT Charge Target Voltage
-0.5%
4.2
+ 0.5%
V
ICHRG
Charge Current
1200
1800
mA
ITRKL
Trickle Charge Current
10%
ICHRG
Confidential
Page 6/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com