Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AXP209 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # AXP209
Description  Enhanced single Cell Li-Battery and Power System Management IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP209 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button AXP209 Datasheet HTML 3Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 4Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 5Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 6Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 7Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 8Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 9Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 10Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
AXP209
Enhanced single Cell Li-Battery and Power System Management IC
mA
VTRKL
Trickle
Charge
Threshold
3.0
V
Voltage
VRECHG
Recharge
Battery
Threshold Threshold
Voltage
-100
mV
Voltage
Relative to VTARGET
TTIMER1
Charger
Safety
Timer Trickle Mode
40
Min
Termination Time
TTIMER2
Charger
Safety
Timer CC Mode
480
Min
Termination Time
IEND
End of
Charge
Indication CV Mode
10%
15%
ICHRG
Current Ratio
mA
Backup Battery
VTRGT
Backup Battery
Charge Target
2.5
3.0
3.1
V
Voltage
ICHRG
Backup Battery Charge Current
50
200
400
uA
IBackup
Current
when
use
Backup
10
15
uA
Battery
NTC
VTL
Cold
Temperature
Fault Charge
2.112
V
0
3.264
Threshold Voltage
Discharge
3.226
VTH
Hot Temperature Fault Threshold
Charge
0.397
V
0
3.264
Voltage
Discharge
0.282
VTE
NTC Disable Threshold Voltage
Falling Threshold
0.2
V
Hysteresis
Ideal Diode
Rds (on)
On Resistance (BAT to IPSOUT)
75
SYMBOL
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNITS
Off Mode Current
IBATOFF
OFF Mode Current
BAT = 3.8V
27
μA
ISUSPEND
USB VBUS suspend Mode
BAT = 3.8V,
86
μA
current
VBUS = 5V,
N_VBUSEN = 1
Logic
VIL
Logic Low Input Voltage
0.3
V
VIH
Logic High Input Voltage
2
V
TWSI
VCC
Input Supply Voltage
3.3
V
ADDRESS
TWSI Address
0x68
fSCK
Clock Operating Frequency
400
1200
kHZ
tf
Clock Data Fall Time
2.2Kohm Pull up
60
ns
Confidential
Page 7/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com