Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AXP209 Datasheet(PDF) 40 Page - List of Unclassifed Manufacturers

Part # AXP209
Description  Enhanced single Cell Li-Battery and Power System Management IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP209 Datasheet(HTML) 40 Page - List of Unclassifed Manufacturers

Back Button AXP209 Datasheet HTML 36Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 37Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 38Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 39Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 40Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 41Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 42Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 43Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 44Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 45 page
background image
AXP209
Enhanced single Cell Li-Battery and Power System Management IC
0
RW
0
Charge VBUS charge function setting
0: disable the VBUS charge resistance;1: enable the VBUS charge
resistance and charge the VBUS
10.34 REG 8FH:Over-temperature shutdown feature set
The default value: 21H
Bit
Description
R / W
Default
value
7-3
Reserved, can not be changed
RW
0
2
AXP209 Internal over-temperature shutdown feature set
RW
0
0:Not shut down; 1:Shutdown
1-0
Reserved, can not be changed
10.35 REG 90H: GPIO0 function settings
The default value: 07H
Bit
Description
R / W
Default
value
7
GPIO0 Rising edge IRQ Or
Wakeup Function
0:disable
RW
0
6
GPIO0 Falling edge IRQ Or
Wakeup Function
1:enable
RW
0
5-3
Reserved, can not be changed
RW
0
2
GPIO0 Pin feature set Bit 2-0
000:Output Low
RW
1
001:Output High (3.3V)
010:Universal input function
1
RW
1
011:Low Noise LDO5
0
RW
1
100: ADC Input
1XX:Floating
10.36 REG 91H: LDO5 Output voltage and EXTEN / GPIO high level settings
The default value: A5H
Bit
Description
R / W
Default
value
7-4
LDO5 The output voltage is set
RW
1010
Vout = [1.8 + (Bit7-4)* 0.1] V; default = 1.8 + 10 * 0.1 = 2.8V
3
Reserved, can not be changed
2-0
EXTEN and GPIO [1: 0] output high level setting
RW
101
000: 1.8V; 001: 2.5V; 010: 2.8V; 011: 3.0V; 100: 3.1V; 101: 3.3V; 110: 3.4V;
111: 3.5V
Confidential
Page 40/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com