Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

NCN5130 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCN5130
Description  Transceiver
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCN5130 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCN5130 Datasheet HTML 2Page - ON Semiconductor NCN5130 Datasheet HTML 3Page - ON Semiconductor NCN5130 Datasheet HTML 4Page - ON Semiconductor NCN5130 Datasheet HTML 5Page - ON Semiconductor NCN5130 Datasheet HTML 6Page - ON Semiconductor NCN5130 Datasheet HTML 7Page - ON Semiconductor NCN5130 Datasheet HTML 8Page - ON Semiconductor NCN5130 Datasheet HTML 9Page - ON Semiconductor NCN5130 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 58 page
background image
NCN5130
www.onsemi.com
6
Recommend Operation Conditions
Operating ranges define the limits for functional operation and parametric characteristics of the device. Note that the
functionality of the chip outside these operating ranges is not guaranteed. Operating outside the recommended operating ranges
for extended periods of time may affect device reliability.
Table 3. OPERATING RANGES
Symbol
Parameter
Min
Max
Unit
VBUS1
VBUS1 Voltage (Note 6)
+20
+33
V
VDD
Digital and Analog Supply Voltage (VDDD− and VDDA−pin)
+3.13
+3.47
V
VIN
Input Voltage DC−DC Converter 1 and 2
(Note 7)
+33
V
VCCP
Input Voltage at CCP−pin
−10.5
+14.5
V
VCAV
Input Voltage at CAV−pin
0
+3.3
V
VDD1
Input Voltage on VDD1−pin
+3.13
+3.47
V
VDD1M
Input Voltage on VDD1M−pin
+3.13
+3.57
V
VDD2
Input Voltage on VDD2−pin
+1.2
+21
V
VDD2MC
Input Voltage on VDD2MC−pin
+1.2
+21.1
V
VDD2MV
Input Voltage on VDD2MV−pin
+1.2
VDD
V
VDIG
Input Voltage on pins MODE1, MODE2, TREQ, CSB/UC1, SDI/RXD, SCK/UC2,
XCLKC, and XSEL
0
VDD
V
VFANIN
Input Voltage on FANIN−pin
0
3.6
V
fclk
Clock Frequency External Quartz
16
MHz
TA
Ambient Temperature
−40
+105
°C
TJ
Junction Temperature (Note 8)
−40
+125
°C
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond
the Recommended Operating Ranges limits may affect device reliability.
6. Voltage indicates DC value. With equalization pulse bus voltage must be between 11 V and 45 V.
7. Minimum operating voltage on VIN−pin should be at least 1 V larger than the highest value of VDD1 and VDD2.
8. Higher junction temperature can result in reduced lifetime.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com