Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

NCN5130 Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCN5130
Description  Transceiver
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCN5130 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCN5130 Datasheet HTML 3Page - ON Semiconductor NCN5130 Datasheet HTML 4Page - ON Semiconductor NCN5130 Datasheet HTML 5Page - ON Semiconductor NCN5130 Datasheet HTML 6Page - ON Semiconductor NCN5130 Datasheet HTML 7Page - ON Semiconductor NCN5130 Datasheet HTML 8Page - ON Semiconductor NCN5130 Datasheet HTML 9Page - ON Semiconductor NCN5130 Datasheet HTML 10Page - ON Semiconductor NCN5130 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 58 page
background image
NCN5130
www.onsemi.com
7
Table 4. DC PARAMETERS The DC parameters are given for a device operating within the Recommended Operating Conditions
unless otherwise specified. Convention: currents flowing in the circuit are defined as positive.
Symbol
Pin(s)
Parameter
Remark/Test Conditions
Min
Typ
Max
Unit
POWER SUPPLY
VBUS1
VBUS1
Bus DC voltage
Excluding active and equalization
pulse
20
33
V
IBUS1_Int
Bus Current Consumption
VBUS = 30 V, IBUS = 10 mA, DC2,
V20V disabled, no crystal or clock
2.00
2.70
mA
VBUS = 20 V, IBUS = 40 mA
3.50
4.40
VBUSH
Undervoltage release level
VBUS1 rising, see Figure 4
17.1
18.0
18.9
V
VBUSL
Undervoltage trigger level
VBUS1 falling, see Figure 4
15.9
16.8
17.7
V
VBUS_Hyst
Undervoltage hysteresis
0.6
V
VDDD
VDDD
Digital Power Supply
3.13
3.3
3.47
V
VDDA
VDDA
Analog Power Supply
3.13
3.3
3.47
V
VAUX
Auxiliary Supply
Internal supply, for info only
2.8
3.3
3.6
V
KNX BUS COUPLER
DIcoupler/Dt
VBUS1
Bus Coupler Current Slope
Limitation
FANIN floating, VFILT > VFILTH
0.40
0.50
A/s
FANIN = 0, VFILT > VFILTH
0.80
1.00
Resistor R6 = 10k, VFILT > VFILTH
1.51
1.95
Resistor R6 = 13.3k, VFILT > VFILTH
1.17
1.47
Resistor R6 = 20k, VFILT > VFILTH
0.78
0.98
Resistor R6 = 42.2k, VFILT > VFILTH
0.37
0.48
Resistor R6 = 93.1k, VFILT > VFILTH
0.17
0.23
Icoupler_lim,
startup
VBUS1
Bus Coupler Startup Current
Limitation
FANIN floating, VFILT > VFILTH
20.0
25.0
30.0
mA
FANIN = 0, VFILT > VFILTH
40.0
50.0
60.0
Resistor R6 = 10k, VFILT > VFILTH
45.0
72.2
114.0
Resistor R6 = 13.3k, VFILT > VFILTH
45.0
70.7
86.0
Resistor R6 = 20k, VFILT > VFILTH
40.0
48.5
57.5
Resistor R6 = 42.2k, VFILT > VFILTH
19.5
23.4
27.8
Resistor R6 = 93.1k, VFILT > VFILTH
9.4
11.3
13.1
Icoupler_lim
VBUS1
Bus Coupler Current
Limitation
FANIN floating, VFILT > VFILTH
10.6
11.4
12
mA
FANIN = 0, VFILT > VFILTH
20.5
22.3
24
Resistor R6 = 10k, VFILT > VFILTH
39.6
43.9
47.0
Resistor R6 = 13.3k, VFILT > VFILTH
30.0
33.0
35.2
Resistor R6 = 20k, VFILT > VFILTH
20.3
22.1
23.6
Resistor R6 = 42.2k, VFILT > VFILTH
9.4
10.7
11.9
Resistor R6 = 93.1k, VFILT > VFILTH
4.2
5.1
6.0
Vcoupler_drop
VBUS1,
VFILT
Coupler Voltage Drop
(Vcoupler_drop = VBUS1 − VFILT)
IBUS1 = 10 mA
1.72
2.25
V
IBUS1 = 20 mA
2.34
2.80
IBUS1 = 30 mA
2.94
3.40
IBUS1 = 40 mA
3.57
4.05
VFILTH
VFILT
Undervoltage release level
VFILT rising, see Figure 5
10.1
10.6
11.2
V
VFILTL
Undervoltage trigger level
VFILT falling, see Figure 5
8.4
8.9
9.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com