Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

NCN5130 Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCN5130
Description  Transceiver
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCN5130 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCN5130 Datasheet HTML 5Page - ON Semiconductor NCN5130 Datasheet HTML 6Page - ON Semiconductor NCN5130 Datasheet HTML 7Page - ON Semiconductor NCN5130 Datasheet HTML 8Page - ON Semiconductor NCN5130 Datasheet HTML 9Page - ON Semiconductor NCN5130 Datasheet HTML 10Page - ON Semiconductor NCN5130 Datasheet HTML 11Page - ON Semiconductor NCN5130 Datasheet HTML 12Page - ON Semiconductor NCN5130 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 58 page
background image
NCN5130
www.onsemi.com
9
Table 4. DC PARAMETERS The DC parameters are given for a device operating within the Recommended Operating Conditions
unless otherwise specified. Convention: currents flowing in the circuit are defined as positive.
Symbol
Unit
Max
Typ
Min
Remark/Test Conditions
Parameter
Pin(s)
FAN−IN CONTROL
Ipu,fanin
FANIN
Pull−Up Current FANIN−pin
FANIN shorted to GND,
Pull−up connected to VAUX
10
20
40
mA
DIGITAL INPUTS
VIL
SCK/UC2,
SDI/RXD,
CSB/UC1,
TREQ,
MODE1,
MODE2,
XSEL,
XCLKC,
XTAL2
Logic Low Threshold
0
0.7
V
VIH
Logic High Threshold
2.65
VDDD
V
RDOWN
Internal Pull−Down Resistor
SCK/UC2−, SDI/RXD− and
CSB/UC1 pin excluded. Only valid
in Normal State.
5
10
28
k
W
DIGITAL OUTPUTS
VOL
SCK/UC2,
SDO/TXD,
CSB/UC1,
XCLK,TRIG
Logic low output level
0
0.4
V
VOH
Logic high output level
VDDD
0.45
VDDD
V
IL
SCK/UC2,
XCLK,TRIG
Load Current
8
mA
SDO/TXD,
CSB/UC1
4
mA
VOL
SAVEB,
RESETB
Logic low level open drain
IOL = 4 mA
0.4
V
Rup
Internal Pull−up Resistor
20
40
80
k
W
ANALOG OUTPUT
PVBUS
ANAOUT
Analog output division ratio for VBUS
0.067
0.071
0.075
PVFILT
Analog output division ratio for VFILT
0.071
0.075
0.079
PV20V
Analog output division ratio for V20V
0.086
0.091
0.096
PVDDA
Analog output division ratio for VDDA
0.438
0.462
0.485
PVDD2
Analog output division ratio for VDD2MV
0.950
1.000
1.050
PIBUS
Analog output conversion ratio for IBUS
14.0
20.9
28.8
V/A
PTJ
Analog output conversion ratio for Tjunction
−4
mV/K
VTJOFF
Analog output offset for Tjunction at 300K
1.309
V
VOFF
Analog output offset voltage
−12
12
mV
tSW,ANA
Time between writing Analog Control Register 1 and stable ANAOUT
voltage (<1 nF capacitive load)
33
ms
TEMPERATURE MONITOR
TTW
Thermal Warning
Rising temperature (See Figure 8)
105
115
125
°C
TTSD
Thermal shutdown
Rising temperature (See Figure 8)
130
140
150
°C
THyst
Thermal Hysteresis
See Figure 8
5
11
15
°C
DT
Delta TTSD and TTW
See Figure 8
21.7
°C
PACKAGE THERMAL RESISTANCE VALUE
Rq,ja
Thermal Resistance
Junction−to−Ambient
Simulated Conform
JEDEC JESD−51, (2S2P)
30
K/W
Simulated Conform
JEDEC JESD−51, (1S0P)
60
K/W
Rq,jp
Thermal Resistance
Junction−to−Exposed Pad
0.95
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com