Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

NCN5130 Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCN5130
Description  Transceiver
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCN5130 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCN5130 Datasheet HTML 6Page - ON Semiconductor NCN5130 Datasheet HTML 7Page - ON Semiconductor NCN5130 Datasheet HTML 8Page - ON Semiconductor NCN5130 Datasheet HTML 9Page - ON Semiconductor NCN5130 Datasheet HTML 10Page - ON Semiconductor NCN5130 Datasheet HTML 11Page - ON Semiconductor NCN5130 Datasheet HTML 12Page - ON Semiconductor NCN5130 Datasheet HTML 13Page - ON Semiconductor NCN5130 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 58 page
background image
NCN5130
www.onsemi.com
10
Table 5. AC PARAMETERS The AC parameters are given for a device operating within the Recommended Operating Conditions
unless otherwise specified.
Symbol
Pin(s)
Parameter
Remark/Test Conditions
Min
Typ
Max
Unit
POWER SUPPLY
tBUS_FILTER
VBUS1
VBUS1 filter time
See Figure 4
2
ms
FIXED DC−DC CONVERTER
tVSW1_rise
VSW1
Rising slope at VSW1−pin
0.45
V/ns
tVSW1_fall
Falling slope at VSW1−pin
0.6
V/ns
ADJUSTABLE DC−DC CONVERTER
tVSW2_rise
VSW2
Rising slope at VSW2−pin
0.45
V/ns
tVSW2_fall
Falling slope at VSW2−pin
0.6
V/ns
XTAL OSCILLATOR
fXTAL
XTAL1, XTAL2
XTAL Oscillator Frequency
16
MHz
WATCHDOG
tWDPR
Prohibited Watchdog
Acknowledge Delay
See Watchdog, p22
2
33
ms
tWDTO
Watchdog Timeout Interval
Selectable over UART or SPI
33
524
ms
tWDTO_acc
Watchdog Timeout Interval
Accuracy
=Xtal accuracy
tWDRD
Watchdog Reset Delay
0
ns
tRESET
Reset Duration
8
ms
MASTER SERIAL PERIPHERAL INTERFACE (MASTER SPI)
tsck
SCK
SPI Clock period
SPI Baudrate depending on
configuration input bits (see
Interface Mode, p26). Tolerance
is equal to Xtal oscillator
tolerance.
See also Figure 10
2
ms
8
ms
tSCK_HIGH
SPI Clock high time
tSCK / 2
tSCK_LOW
SPI Clock low time
tSCK / 2
tSDI_SET
SDI
SPI Data Input setup time
125
ns
tSDI_HOLD
SPI Data Input hold time
125
ns
tSDO_VALID
SDO
SPI Data Output valid time
CL = 20 pF, See Figure 10
100
ns
tCS_HIGH
CSB
SPI Chip Select high time
See Figure 10
0.5 x
tSCK
tCS_SET
SPI Chip Select setup time
0.5 x
tSCK
tCS_HOLD
SPI Chip Select hold time
0.5 x
tSCK
tTREQ_LOW
TREQ
TREQ low time
See Figure 11
125
ns
tTREQ_HIGH
TREQ high time
125
ns
tTREQ_SET
TREQ setup time
125
ns
tTREQ_HOLD
TREQ hold time
125
ns
UNIVERSAL ASYNCHRONOUS RECEIVER/TRANSMITTER (UART)
fUART
TXD, RXD
UART Interface Baudrate
Baudrate depending on
configuration input pins (see
Interface Mode, p26).
Tolerance is equal to tolerance
of Xtal oscillator tolerance.
19200
Baud
38400
Baud
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com