Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AP1685 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AP1685
Description  OFFLINE, HIGH PF, HIGH EFFICIENCY LED DRIVER IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1685 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AP1685 Datasheet HTML 4Page - Diodes Incorporated AP1685 Datasheet HTML 5Page - Diodes Incorporated AP1685 Datasheet HTML 6Page - Diodes Incorporated AP1685 Datasheet HTML 7Page - Diodes Incorporated AP1685 Datasheet HTML 8Page - Diodes Incorporated AP1685 Datasheet HTML 9Page - Diodes Incorporated AP1685 Datasheet HTML 10Page - Diodes Incorporated AP1685 Datasheet HTML 11Page - Diodes Incorporated AP1685 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
AP1685
Document number: DS37311 Rev. 1 - 2
8 of 14
www.diodes.com
September 2014
© Diodes Incorporated
AP1685
A Product Line of
Diodes Incorporated
Application Information
The AP1685 is designed for single voltage application, and it features high power factor correction (PFC), low total harmonic distortion (THD), low
BOM cost and good EMI performance. The device can be widely used in non-dimmable LED application such as GU10, bulb lamps, down lamp,
etc. The AP1685 adopts constant on time control method within one AC cycle to achieve the high power factor and low THD. The control scheme
is very simple, the power factor correction effectiveness is obvious, and the constant current control is also good enough.
T1
OUT
+
VCC
FB
Drain
CS
GND
U1 AP1685
C3
R7
R5
R6
R4
D1
C4
R2
AC
Input
F1
VR1
DB1
C2
L1
C1
R8
D2
R1
RI
S
R9
Figure 1. Typical Application Circuit
Design Parameters
Setting the Current Sense Resistor R8
As the AP1685 adopts constant on time control method, the current of the inductance will follow the input voltage to get a sinusoidal wave. The
current sense pin CS of the AP1685 will sense the peak current of the inductance by sensing the voltage dropped on the current sense resistor R8,
and the constant current control is realized by controlling the peak current. In buck structure, when the VO is higher than VIN, no energy will be
transferred from input to output which is called dead zone, and considering the dead zone of buck structure, the output current can be calculated
as below:
8
1
_
_
R
V
k
I
ref
cs
mean
o
Where,
Vcs_ref is the reference of the current sense, and the typical value is 1V.
k is the current modification coefficient, and the value of k is approximate to be 0.7.
So, the current sense resistor R8 is determined:
mean
o
ref
cs
I
V
k
R
_
_
8
Transformer Selection (T1)
The non-isolated buck circuit in Figure 1 is usually selected, and the system is operating at boundary conduction mode.
The system’s operating
frequency does not keep constant, the minimum switching frequency at the crest is set as fmin, and then the buck inductance value L can be got:
m in
_
_
_
2
8
)
2
(
f
V
V
V
R
V
V
L
rms
in
ref
cs
o
o
rms
in
Where,
VO is the output voltage.
Vin_rms is the RMS value of the input voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com