Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AP1685 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP1685
Description  OFFLINE, HIGH PF, HIGH EFFICIENCY LED DRIVER IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1685 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP1685 Datasheet HTML 1Page - Diodes Incorporated AP1685 Datasheet HTML 2Page - Diodes Incorporated AP1685 Datasheet HTML 3Page - Diodes Incorporated AP1685 Datasheet HTML 4Page - Diodes Incorporated AP1685 Datasheet HTML 5Page - Diodes Incorporated AP1685 Datasheet HTML 6Page - Diodes Incorporated AP1685 Datasheet HTML 7Page - Diodes Incorporated AP1685 Datasheet HTML 8Page - Diodes Incorporated AP1685 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
AP1685
Document number: DS37311 Rev. 1 - 2
4 of 14
www.diodes.com
September 2014
© Diodes Incorporated
AP1685
A Product Line of
Diodes Incorporated
Absolute Maximum Ratings (Note 4) (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Rating
Unit
VCC
Power Supply Voltage
-0.3 to 35
V
VCS
Voltage at CS to GND
-0.3 to 7
V
VFB
FB Input Voltage
-40 to 10
V
VDrain
Voltage on Drain
500
V
ID
Continue Drain Current TC = +25
oC
2.5
A
TJ
Operating Junction Temperature
-40 to +150
°C
TSTG
Storage Temperature
-65 to +150
°C
TLEAD
Lead Temperature (Soldering, 10 sec)
+300
°C
PD
Power Dissipation (TA = +50C)
0.65
W
θJA
Thermal Resistance (Junction to Ambient)
160
°C/W
ESD (Human Body Model)
±2000
V
ESD (Machine Model)
±200
V
Note 4:
Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and
functional o
peration of the device at these or any other conditions beyond those indicated under “Recommended Operating Conditions” is not implied.
Exposure to “Absolute Maximum Ratings” for extended periods may affect device reliability.
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VCC
Power Supply Voltage
8
25
V
TA
Ambient Temperature
-40
+105
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com