Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AP1685 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP1685
Description  OFFLINE, HIGH PF, HIGH EFFICIENCY LED DRIVER IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1685 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP1685 Datasheet HTML 1Page - Diodes Incorporated AP1685 Datasheet HTML 2Page - Diodes Incorporated AP1685 Datasheet HTML 3Page - Diodes Incorporated AP1685 Datasheet HTML 4Page - Diodes Incorporated AP1685 Datasheet HTML 5Page - Diodes Incorporated AP1685 Datasheet HTML 6Page - Diodes Incorporated AP1685 Datasheet HTML 7Page - Diodes Incorporated AP1685 Datasheet HTML 8Page - Diodes Incorporated AP1685 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
AP1685
Document number: DS37311 Rev. 1 - 2
1 of 14
www.diodes.com
September 2014
© Diodes Incorporated
AP1685
A Product Line of
Diodes Incorporated
OFFLINE, HIGH PF, HIGH EFFICIENCY LED DRIVER IC
Description
The AP1685 is a high performance AC/DC power factor corrector for
mains dimmable LED driver applications. The device uses Pulse
Frequency Modulation (PFM) technology to regulate output current
while achieving high power factor and low THD. It operates as a BCM
(Boundary Conduction Mode) which is good for EMI.
The AP1685 internally integrates a 500V high voltage MOSFET which
can realize a lower BOM cost. The AP1685 provides accurate
constant current (CC) regulation while removing the opto-coupler and
secondary control circuitry. It also eliminates the need of loop
compensation circuitry while maintaining stability. It can meet the
requirement of IEC6100-3-2 harmonic standard.
The AP1685 features low start-up current, low operation current. It
adopts valley on switching mode to achieve high efficiency. It also has
rich protection features including over voltage, short circuit, over
temperature protection.
The AP1685 is available in SO-7 package.
Applications
Non-dimmable LED drivers
Pin Assignments
(Top View)
1
2
3
4
7
6
5
S
CS
RI
GND
FB
VCC
Drain
SO-7
Features
Boundary Conduction Mode (BCM) Operation to Achieve High-
efficiency
High PF and Low THD (PF>0.9, THD<30%)
High Efficiency
Low Start-up Current
Tight LED Current
Tight LED Open Voltage
Valley-mode Switching to Minimize the Transition Loss
Internal Integrated 2.5A/500V MOSFET can Cover up to 10W
Easy EMI
Internal Protections:
Under Voltage Lock Out (UVLO)
Leading-edge Blanking (LEB)
Output Short Protection
Output Open Protection
Over Temperature Protection
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.


Similar Part No. - AP1685

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP1680 BCDSEMI-AP1680 Datasheet
327Kb / 9P
LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
logo
Diodes Incorporated
AP1680 DIODES-AP1680 Datasheet
327Kb / 9P
LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
Rev. 1 - 0 Apr 2011
AP1680K6TR-G1 DIODES-AP1680K6TR-G1 Datasheet
327Kb / 9P
LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
Rev. 1 - 0 Apr 2011
logo
BCD Semiconductor Manuf...
AP1681 BCDSEMI-AP1681 Datasheet
346Kb / 13P
Off-line Primary Side Regulation Controller for Dimmable LED Driver
AP1681M-G1 BCDSEMI-AP1681M-G1 Datasheet
346Kb / 13P
Off-line Primary Side Regulation Controller for Dimmable LED Driver
More results

Similar Description - AP1685

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCL30060 ONSEMI-NCL30060 Datasheet
686Kb / 15P
High PF Offline Single Stage LED Driver
May, 2014 ??Rev. 0
logo
Diodes Incorporated
AL1697 DIODES-AL1697 Datasheet
559Kb / 13P
High PF, Offline Dimmable LED Driver with Internal High-Voltage MOSFET
Rev 3
AP1694 DIODES-AP1694 Datasheet
367Kb / 9P
OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER CONTROLLER
Rev 2
AP1694A DIODES-AP1694A Datasheet
474Kb / 15P
OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER CONTROLLER
Rev 1
AP1694AS DIODES-AP1694AS Datasheet
487Kb / 14P
OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER CONTROLLER
Rev 1
AP1695 DIODES-AP1695 Datasheet
442Kb / 15P
OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER IC
Rev 1
logo
ON Semiconductor
NCL30060 ONSEMI-NCL30060_16 Datasheet
688Kb / 15P
High PF Offline Single Stage LED Driver
July, 2016 ??Rev. 4
logo
Diodes Incorporated
AP1695-20C DIODES-AP1695-20C Datasheet
423Kb / 15P
OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER IC
Rev 1
logo
ON Semiconductor
NCL30060 ONSEMI-NCL30060_17 Datasheet
689Kb / 15P
High PF Offline Single Stage LED Driver
November, 2017 ??Rev. 6
NCL30060 ONSEMI-NCL30060_18 Datasheet
733Kb / 15P
High PF Offline Single Stage LED Driver
April, 2018 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com