Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AP1685 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AP1685
Description  OFFLINE, HIGH PF, HIGH EFFICIENCY LED DRIVER IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1685 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AP1685 Datasheet HTML 5Page - Diodes Incorporated AP1685 Datasheet HTML 6Page - Diodes Incorporated AP1685 Datasheet HTML 7Page - Diodes Incorporated AP1685 Datasheet HTML 8Page - Diodes Incorporated AP1685 Datasheet HTML 9Page - Diodes Incorporated AP1685 Datasheet HTML 10Page - Diodes Incorporated AP1685 Datasheet HTML 11Page - Diodes Incorporated AP1685 Datasheet HTML 12Page - Diodes Incorporated AP1685 Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
AP1685
Document number: DS37311 Rev. 1 - 2
9 of 14
www.diodes.com
September 2014
© Diodes Incorporated
AP1685
A Product Line of
Diodes Incorporated
Application Information (Cont.)
The next step is determining
the transformer’s winding turns number, the worst case operation condition of transformer is at the peak voltage area
of sine waveform input voltage where the current of across the inductance is the maximum value. The transformer design should be based on the
worst case operation condition to guarantee that the transformer is not saturated. According to Ferrari's law of electromagnetic induction, the
winding turns number of the buck inductance NL is:
8
_
R
B
A
V
L
B
A
I
L
N
m
e
ref
cs
m
e
pk
L
Where,
Ae is the core effective area.
Bm is the maximum magnetic flux density.
The auxiliary winding is power supply for VCC, the winding turns number Naux is:
d
o
cc
L
aux
V
V
V
N
N
Where,
VCC is the power supply voltage for IC from auxiliary winding.
Vd is the voltage drop of the freewheel diode.
Setting the Initial On Time
As the AP1685 adopts constant on-time control method, the AP1685 will generate an initial on time to start a working cycle. If the initial on time is
longer than the rated on time, overshoot will happen which could damage the LED. And a good system performance does not permit overshoot, so
the appropriate initial on time should be guaranteed. And initial on time is determined by resister R1 shown in Figure 1.
According to initial on time generation mechanism, the ton_initial is
s
R
t
initial
on
12
_
10
1
80
To guarantee the system with no overshoot phenomenon, the resistor is selected
10
max
_
_
10
2
8
25
.
1
1
rms
in
U
R
L
R
Valley on Control Method
The valley on function can provide low turn-on switching losses for buck converter. The voltage across the drain and source of the power
MOSFET is reflected by the auxiliary winding of the buck transformer. The voltage is sensed by the FB pin.
0.1V
1µs
Valley
FB
Figure 2. Valley on Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com