Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

USB3503 Datasheet(PDF) 48 Page - Microchip Technology

Part # USB3503
Description  USB 2.0 HSIC High-Speed Hub Controller Optimized
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3503 Datasheet(HTML) 48 Page - Microchip Technology

Back Button USB3503 Datasheet HTML 44Page - Microchip Technology USB3503 Datasheet HTML 45Page - Microchip Technology USB3503 Datasheet HTML 46Page - Microchip Technology USB3503 Datasheet HTML 47Page - Microchip Technology USB3503 Datasheet HTML 48Page - Microchip Technology USB3503 Datasheet HTML 49Page - Microchip Technology USB3503 Datasheet HTML 50Page - Microchip Technology USB3503 Datasheet HTML 51Page - Microchip Technology USB3503 Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 73 page
background image
USB3503
DS00001584B-page 48
 2011-2015 Microchip Technology Inc.
8.0
BATTERY CHARGING
In order to detect the charger, the device applies and monitors voltages on the USBUP_DP and USBUP_DM pins. If a
voltage within the specified range is detected, the Charger Detection Register in the I2C register space shall be updated
to reflect the proper status.
8.1
Downstream Port Battery Charging Support
The USB3503 can configure any of the downstream ports to support battery charger handshake.
The Hub’s role in downstream battery charging is to provide an acknowledge to a device’s query as to if the hub system
supports USB battery charging. The hub silicon does not provide any current or power FETs or any such thing to actually
charge the device. Those components would need to be provided as external components in the final Hub board design.
If the final Hub board design provides an external supply capable of supplying current per the battery charging specifi-
cation, the hub can be configured to indicate the presence of such a supply to the device. This indication is on a per/port
basis. i.e. the board can configure two ports to support battery charging (thru high current power FET’s) and leave the
other port as a standard USB port.
8.1.1
USB BATTERY CHARGING
In the terminology of the USB battery charging specification, if the port is configured to support battery charging, the
downstream port is a “Charging Host Port”. All AC/DC characteristics will comply with only this type. If the port is not
configured to support battery charging, the port is a “Standard Host Port”. AC/DC characteristics comply with the USB
2.0 specification.
A downstream port will only behave as a “Charging Host Port” or a “Standard Host Port”. The port will not switch between
“Charging Host Port” or Standard Host Port” at any time after initial power-up and configuration.
8.1.2
SPECIAL BEHAVIOR OF PRTPWR REGISTER
The USB Battery charging specification does not address system issues. It only defines a low level protocol for a device
and host (or hub) to communicate a simple question and optional answer.
Device queries if the host to which it is connected supports battery charging.
The host will respond that it does support battery charging or does not respond at all. There is no negative response.
(A lack of response is taken as a negative response)
When ports are configured for downstream battery charging, the corresponding PRTPWR setting will be controlled by
downstream battery charging logic instead of the normal hub logic.
PRTPWR setting will assert after initial hub customer configuration (Internal default/Serial register writes). PRTPWR will
remain asserted and under the control of the battery charge logic until one of two events.
1.
An overcurrent is detected on the corresponding OCS_N pin. In this case, PRTPWR setting will negate. The only
way to re-enable the PRTPWR setting from this state is to RESET the USB3503.
2.
The hub enters Hub.Communication stage, connects on its upstream port and is enumerated by a USB host. In
this case, control over the PRTPWR setting reverts back to the hub logic inside the USB3503 and the normal
USB behavior applies. In this case, the host must enable PRTPWR.
FIGURE 8-1:
BATTERY CHARGING EXTERNAL POWER SUPPLY
SOC
VBUS
PRTPWR
USB3503
(Serial Mapped
Register)
INT
SCL
SDA
DC Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com