Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

USB3503 Datasheet(PDF) 69 Page - Microchip Technology

Part # USB3503
Description  USB 2.0 HSIC High-Speed Hub Controller Optimized
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3503 Datasheet(HTML) 69 Page - Microchip Technology

Back Button USB3503 Datasheet HTML 65Page - Microchip Technology USB3503 Datasheet HTML 66Page - Microchip Technology USB3503 Datasheet HTML 67Page - Microchip Technology USB3503 Datasheet HTML 68Page - Microchip Technology USB3503 Datasheet HTML 69Page - Microchip Technology USB3503 Datasheet HTML 70Page - Microchip Technology USB3503 Datasheet HTML 71Page - Microchip Technology USB3503 Datasheet HTML 72Page - Microchip Technology USB3503 Datasheet HTML 73Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 69 / 73 page
background image
 2011-2015 Microchip Technology Inc.
DS00001584B-page 69
USB3503
APPENDIX A: DATA SHEET REVISION HISTORY
TABLE A-1:
REVISION HISTORY
REVISION LEVEL
SECTION/FIGURE/ENTRY
CORRECTION
DS00001584B (03-18-15)
Section 10.6, "Dynamic
Characteristics: Digital I/O
Pins," on page 55
Changed RESET_N minimum active low pulse from
100
μs to 1ms.
FIGURE 12-6: 25-Ball
WLCSP Package Marking
on page 65
Added note under figure: “Note: The Device # Code
for the USB3503 is “05”.”
DS00001584A replaces the previous SMSC version 1.2.
Rev. 1.2 (08-22-13)
All
Added 32-SQFN pinout and package information
Rev. 1.1 (02-07-13)
Document co-branded: Microchip logo added, company disclaimer modified.
Rev. 1.1 (12-19-11)
Table 4-2, "Timing
Parameters for Hub Stages"
Removed the second sentence in the Standby Sum-
mary:
“All port interfaces are high impedance”
Section 4.2.1, "External
Hardware RESET_N"
Removed second bullet:
“The USB data pins will be in a high-impedance
state.”
Table 3-4, "USB3503
Secondary Reference Clock
Frequencies"
Changed Frequency values in TABLE 3-4: as fol-
lows:
01 = 27.0MHz
10 = 25.0MHz
Rev. 1.0 (10-24-11)
Document release



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com