Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

USB3503 Datasheet(PDF) 57 Page - Microchip Technology

Part # USB3503
Description  USB 2.0 HSIC High-Speed Hub Controller Optimized
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3503 Datasheet(HTML) 57 Page - Microchip Technology

Back Button USB3503 Datasheet HTML 53Page - Microchip Technology USB3503 Datasheet HTML 54Page - Microchip Technology USB3503 Datasheet HTML 55Page - Microchip Technology USB3503 Datasheet HTML 56Page - Microchip Technology USB3503 Datasheet HTML 57Page - Microchip Technology USB3503 Datasheet HTML 58Page - Microchip Technology USB3503 Datasheet HTML 59Page - Microchip Technology USB3503 Datasheet HTML 60Page - Microchip Technology USB3503 Datasheet HTML 61Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 73 page
background image
 2011-2015 Microchip Technology Inc.
DS00001584B-page 57
USB3503
In addition to defining the ESD tests, EN 61000-4-2 also categorizes the impact to equipment operation when the strike
occurs (ESD Result Classification). Both air discharge and contact discharge test techniques for applying stress condi-
tions are defined by the EN 61000-4-2 ESD document.
10.10.3
AIR DISCHARGE
To perform this test, a charged electrode is moved close to the system being tested until a spark is generated. This test
is difficult to reproduce because the discharge is influenced by such factors as humidity, the speed of approach of the
electrode, and construction of the test equipment.
10.10.4
CONTACT DISCHARGE
The uncharged electrode first contacts the pin to prepare this test, and then the probe tip is energized. This yields more
repeatable results, and is the preferred test method. The independent test laboratories contracted by Microchip provide
test results for both types of discharge methods.
10.11 AC Specifications
10.11.1
REFCLK
External Clock:50% duty cycle ± 10%, ± 350ppm, Jitter < 100ps rms.
10.11.2
SERIAL INTERFACE
The Hub conforms to AC specifications as set forth in the I2C Specification for Slave-Only devices.
10.11.3
USB 2.0
The Hub conforms to all voltage, power, and timing characteristics and specifications as set forth in the USB 2.0 Spec-
ification. Please refer to the USB 2.0 Specification which is available from the www.usb.org web site.
10.11.4
USB 2.0 HSIC
The upstream port of the HSIC Hub conforms to all voltage, power, and timing characteristics and specifications as set
forth in the High-Speed Inter-Chip USB Electrical Specification Version 1.0. Please refer to the USB 2.0 HSIC Specifi-
cation which is available from the www.usb.org web site.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com