Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

USB3503 Datasheet(PDF) 12 Page - Microchip Technology

Part # USB3503
Description  USB 2.0 HSIC High-Speed Hub Controller Optimized
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3503 Datasheet(HTML) 12 Page - Microchip Technology

Back Button USB3503 Datasheet HTML 8Page - Microchip Technology USB3503 Datasheet HTML 9Page - Microchip Technology USB3503 Datasheet HTML 10Page - Microchip Technology USB3503 Datasheet HTML 11Page - Microchip Technology USB3503 Datasheet HTML 12Page - Microchip Technology USB3503 Datasheet HTML 13Page - Microchip Technology USB3503 Datasheet HTML 14Page - Microchip Technology USB3503 Datasheet HTML 15Page - Microchip Technology USB3503 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 73 page
background image
USB3503
DS00001584B-page 12
 2011-2015 Microchip Technology Inc.
3.3.2
I/O TYPE DESCRIPTIONS
3.3.3
REFERENCE CLOCK
The REFCLK input is can be driven with a square wave from 0 V to VDD33_BYP. The USB3503 only uses the positive
edge of the clock. The duty cycle is not critical.
The USB3503 is tolerant to jitter on the reference clock. The REFCLK jitter should be limited to a peak to peak jitter of
less than 1 ns over a 10
μs time interval. If this level of jitter is exceeded the USB3503 high speed eye diagram may be
degraded.
To select the REFCLK input frequency, the REF_SEL pins must be set according to Table 3-3 and Table 3-4. To select
the primary REFCLK frequencies defined in Table 3-3, INT_N must be sampled high during the Hub.Init stage. If the
INT_N pin is not used, the INT_N pin should be tied to VDD33_BYP. To select the secondary REFCLK frequencies
defined in Table 3-4, INT_N must be sampled low during the Hub.Init stage. If the INT_N pin is not used, the INT_N pin
should be tied to ground. Since the INT_N pin is open-drain during normal function, selecting the secondary REFCLK
frequencies requires that the INT_N pin be driven low from an external source during Hub.Init and then, after startup,
that external source must turn into an input to receive the INT_N signal.
POWER
1.2V VDD Power
VDD12_BYP
Power
1.2 V Regulator. A 1.0
μF (<1
Ω ESR) capacitor
to ground is required for regulator stability. The
capacitor should be placed as close as possible to
the USB3503.
3.3V VDD Power
VDD33_BYP
Power
3.3V Regulator. A 4.7
μF (<1
Ω ESR) capacitor to
ground is required for regulator stability. The
capacitor should be placed as close as possible to
the USB3503.
Core Power Supply Input
VDD_CORE_REG
Power
Power supply to 1.2V regulator.
This power pin should be connected to
VDD33_BYP for single supply applications.
Refer to Section 9.0 “Integrated Power
Regulators” for power supply configuration
options.
Battery Power Supply Input
VBAT
Power
Battery power supply.
Refer to Section 9.0 “Integrated Power
Regulators” for power supply configuration
options.
VSS
VSS
Ground
Ground
TABLE 3-2:
USB3503 I/O TYPE DESCRIPTIONS
I/O Type
Description
I
Digital Input.
OD
Digital Output. Open Drain.
I/O
Digital Input or Output.
A-I/O
Analog Input or Output.
Power
DC input or Output.
Ground
Ground.
TABLE 3-1:
PIN DESCRIPTIONS (CONTINUED)
Name
Symbol
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com