Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SP504 Datasheet(PDF) 17 Page - Sipex Corporation

Part # SP504
Description  WAN Multi-Mode Serial Transceiver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP504 Datasheet(HTML) 17 Page - Sipex Corporation

Back Button SP504 Datasheet HTML 13Page - Sipex Corporation SP504 Datasheet HTML 14Page - Sipex Corporation SP504 Datasheet HTML 15Page - Sipex Corporation SP504 Datasheet HTML 16Page - Sipex Corporation SP504 Datasheet HTML 17Page - Sipex Corporation SP504 Datasheet HTML 18Page - Sipex Corporation SP504 Datasheet HTML 19Page - Sipex Corporation SP504 Datasheet HTML 20Page - Sipex Corporation SP504 Datasheet HTML 21Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
17
Rev: A Date:1/27/04
SP504 Multi–Mode Serial Transceivers
© Copyright 2004 Sipex Corporation
tory for more information). The drivers are
controlled with the data bits labeled TDEC
3
TDEC
0. All of the drivers can be put into tri-
state mode by writing 0000 to the driver decode
switch. The three drivers TxD, ST and TxC,
have a 150
Ω pull-down resistor to ground con-
nected at the (b) output. This resistor is part of
the V.35 driver circuitry and should be con-
nected when in V.35 mode. Tri-state is possible
for all drivers in RS-232 mode. The receivers
are controlled with data bits RDEC
3–RDEC0;
the code 0000 written to the receivers will place
the outputs into tri-state mode. The 0000 de-
coder word will override the enable control line
for the one receiver (SCT).
Using the V.35_STAT Pin
The SP504 includes a V.35 status pin where the
V35_STAT pin (pin 18) is a logic HIGH ("1")
when the decoder is set to V.35 mode. The pin
is a logic LOW ("0") when in all other modes
including tri-state (decoder set at "0000"). Pin
18 allows the user to easily add FET switches or
solid state relays to connect the external 150
resistor for V.35 operation. V35_STAT can be
connected to the gate of the FET switches or the
control of the relays so that the 150
Ω resistors
are connected to the non-inverting output of the
three V.35 drivers. The output current of the
V35_STAT pin is that of a typical TTL load of
–3.2mA. The electrical specifications are simi-
lar to the SP504 receiver outputs. This feature
would reduce additional logic required by older
traditional methods.
NET1/NET2 Testing and Compliancy
Many system designers are required to certify
their system for use in the European public
network. Electrical testing is performed in ad-
herence to the NET (Norme Européenne de
Télécommunication) which specifies the ITU
Series V specifications. The SP504 adheres to
all the required physical layer testing for NET1
and NET2. Consult factory for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com