Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SP504 Datasheet(PDF) 28 Page - Sipex Corporation

Part # SP504
Description  WAN Multi-Mode Serial Transceiver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP504 Datasheet(HTML) 28 Page - Sipex Corporation

Back Button SP504 Datasheet HTML 23Page - Sipex Corporation SP504 Datasheet HTML 24Page - Sipex Corporation SP504 Datasheet HTML 25Page - Sipex Corporation SP504 Datasheet HTML 26Page - Sipex Corporation SP504 Datasheet HTML 27Page - Sipex Corporation SP504 Datasheet HTML 28Page - Sipex Corporation SP504 Datasheet HTML 29Page - Sipex Corporation SP504 Datasheet HTML 30Page - Sipex Corporation SP504 Datasheet HTML 31Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
28
Rev: A Date:1/27/04
SP504 Multi–Mode Serial Transceivers
© Copyright 2004 Sipex Corporation
SEL A
0
0
1
1
SEL B
0
1
0
1
LOOPBACK
1
1
1
1
SHUTDOWN
0
0
0
0
T4
TX4
TI4
1
3
R1
RI1
RX1
15
19
R2
RI2
RX2
16
20
R3
RI3
RX3
17
21
R4
RI4
RX4
18
22
T1
TX1
TI1
6
26
T2
TX2
TI2
7
27
T3
TX3
TI3
4
28
T1
TX1 6
TI1
26
T2
TI2
TX2 7
27
R1
RI1
RX1
15
19
R2
RX2
RI2 16
20
28
4
TX3
3
TX4
TI3
T3
18
RI4
17
RI3
21 RX3
R3
21
26
T1
6
TX1
TI1
7
TX2
19
15
RI1
RX1
R1
16
RI2
T4
TX4
TI4
1
3
T3
TX3
TI3
4
28
R3
RI3
RX3
17
R4
RI4
RX4
18
22
26
T1
6
TX1
TI1
7
TX2
28
4
TX3
3
TX4
TI3
T3
19
15
RI1
RX1
R1
16
RI2
18
RI4
17
RI3
21 RX3
R3
Figure 28. Mode selection for the SP332
ADDITIONAL TRANSCEIVERS
WITH THE SP504
Serial ports usually can have two data signals
(SD, RD), three clock signals (TT, ST, RT), and
at least eight control signals (CS, RS, etc.). EIA-
RS-449 contains twenty six signal types for a
DB-37 connector. A DB-37 serial port design
may require thirteen drivers and fourteen re-
ceivers1. Although many applications do not
use all these signals, some applications may
need to support extra functions such as diagnos-
tics. The SP504 supports enough transceivers
for the primary channels of data, clock and
control signals. Configuring LL, RL and TM
would require two additional drivers and one
receiver if designing for a DTE (one driver and
two receivers for a DCE).
A programmable transceiver such as the SP332
is a convenient solution in a design that requires
extra single ended or differential drivers/receiv-
ers. As shown in Figure 28, the SP332 can be
configured to four different variations.
The SP332 in Figure 29 is configured for two
single-ended drivers and one diffferential re-
ceiver. For a DTE design, the two drivers are
used for LL and RL signals and the receiver is
used for the TM signal. This configuration was
selected because the two RS-232 drivers can be
CIRCUIT
CIRCUIT NAME
CIRCUIT
CIRCUIT
MNEMONIC
DIRECTION
TYPE
SG
SIGNAL GROUND
--------------
SC
SEND COMMON
TO DCE
RC
RECEIVE COMMON
FROM DCE
I
S
TERMINAL IN SERVICE
TO DCE
IC
INCOMING CALL
FROM DCE
TR
TERMINAL READY
TO DCE
DM
DATA MODE
FROM DCE
SD
SEND DATA
TO DCE
RD
RECEIVE DATA
FROM DCE
TT
TERMINAL TIMING
TO DCE
ST
SEND TIMING
FROM DCE
RT
RECEIVE TIMING
FROM DCE
RS
REQUEST TO SEND
TO DCE
CS
CLEAR TO SEND
FROM DCE
RR
RECEIVER READY
FROM DCE
SQ
SIGNAL QUALITY
FROM DCE
NS
NEW SIGNAL
TO DCE
SF
SELECT FREQUENCY
TO DCE
SR
SIGNAL RATE SELECTOR
TO DCE
S
I
SIGNAL RATE INDICATOR
FROM DCE
SSD
SECONDARY SEND DATA
TO DCE
SRD
SECONDARY RD
FROM DCE
SRS
SECONDARY RS
TO DCE
SCS
SECONDARY CS
FROM DCE
SRR
SECONDARY RR
FROM DCE
LL
LOCAL LOOPBACK
TO DCE
RL
REMOTE LOOPBACK
TO DCE
TM
TEST MODE
FROM DCE
SS
SELECT STANDBY
TO DCE
SB
STANDBY INDICATOR
FROM DCE
COMMON
CONTROL
DATA
TIMING
CONTROL
DATA
CONTROL
CONTROL
CONTROL
1 RS-449 Interchange Circuits Table
used for RS-423 by connecting a zener clamp-
ing diode to ground on the two driver outputs.
The diodes will limit the voltage swing on the
outputs so that the V
OC = ±4V to ±6V adheres to
the RS-423 specification. The differential re-
ceiver can be easily configured to RS-423 by
grounding the non-inverting input. The receiver
will adhere to the RS-423 specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com