Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SP504 Datasheet(PDF) 7 Page - Sipex Corporation

Part # SP504
Description  WAN Multi-Mode Serial Transceiver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP504 Datasheet(HTML) 7 Page - Sipex Corporation

Back Button SP504 Datasheet HTML 3Page - Sipex Corporation SP504 Datasheet HTML 4Page - Sipex Corporation SP504 Datasheet HTML 5Page - Sipex Corporation SP504 Datasheet HTML 6Page - Sipex Corporation SP504 Datasheet HTML 7Page - Sipex Corporation SP504 Datasheet HTML 8Page - Sipex Corporation SP504 Datasheet HTML 9Page - Sipex Corporation SP504 Datasheet HTML 10Page - Sipex Corporation SP504 Datasheet HTML 11Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
7
Rev: A Date:1/27/04
SP504 Multi–Mode Serial Transceivers
© Copyright 2004 Sipex Corporation
OTHER AC CHARACTERISTICS (Continued)
T
A = +70°C to 0°C and VCC = +4.75V to +5.25V unless otherwise noted.
PARAMETER
MIN.
TYP.
MAX.
UNITS
CONDITIONS
V.35 MODE
t
PLZ; Output LOW to Tri-state
0.10
2.0
µsC
L = 15pF, Fig. 4 & 6; S1
closed
t
PHZ; Output HIGH to Tri-state
0.15
2.0
µsC
L = 15pF, Fig. 4 & 6; S2
closed
RECEIVER DELAY TIME BETWEEN ACTIVE MODE AND TRI-STATE MODE
RS-232 MODE
t
PZL; Tri-state to Output LOW
0.12
2.0
µsC
L = 100pF, Fig. 2 ; S1
closed
t
PZH; Tri-state to Output HIGH
0.10
2.0
µsC
L = 100pF, Fig. 2 ; S2
closed
t
PLZ; Output LOW to Tri-state
0.10
2.0
µsC
L = 100pF, Fig. 2 ; S1
closed
t
PHZ; Output HIGH to Tri-state
0.10
2.0
µsC
L = 100pF, Fig. 2 ; S2
closed
RS-423 MODE
t
PZL; Tri-state to Output LOW
0.10
2.0
µsC
L = 100pF, Fig. 2 ; S1
closed
t
PZH; Tri-state to Output HIGH
0.10
2.0
µsC
L = 100pF, Fig. 2 ; S2
closed
t
PLZ; Output LOW to Tri-state
0.10
2.0
µsC
L = 100pF, Fig. 2 ; S1
closed
t
PHZ; Output HIGH to Tri-state
0.10
2.0
µsC
L = 100pF, Fig. 2 ; S2
closed
RS-422/RS-485 MODES
t
PZL; Tri-state to Output LOW
0.10
2.0
µsC
L = 100pF, Fig. 2 & 8 ; S1
closed
t
PZH; Tri-state to Output HIGH
0.10
2.0
µsC
L = 100pF, Fig. 2 & 8 ; S2
closed
t
PLZ; Output LOW to Tri-state
0.10
2.0
µsC
L = 15pF, Fig. 2 & 8 ; S1
closed
t
PHZ; Output HIGH to Tri-state
0.10
2.0
µsC
L = 15pF, Fig. 2 & 8; S2
closed
V.35 MODE
t
PZL; Tri-state to Output LOW
0.10
2.0
µsC
L = 100pF, Fig. 2 & 8; S1
closed
t
PZH; Tri-state to Output HIGH
0.10
2.0
µsC
L = 100pF, Fig. 2 & 8; S2
closed
t
PLZ; Output LOW to Tri-state
0.10
2.0
µsC
L = 15pF, Fig. 2 & 8; S1
closed
t
PHZ; Output HIGH to Tri-state
0.10
2.0
µsC
L = 15pF, Fig. 2 & 8; S2
closed
TRANSCEIVER TO TRANSCEIVER SKEW
[ (t
phl – tplh)Trcvr1
– (t
phl – tplh)TrcvrX
]
RS-232 Driver
20
50
ns
V
CC = +5.0V, TA @ +25°C
RS-232 Receiver
20
ns
RS-422 Driver
20
50
ns
V
CC = +5.0V, TA @ +25°C
RS-422 Receiver
20
ns
RS-423 Driver
20
50
ns
V
CC = +5.0V, TA @ +25°C
RS-423 Receiver
20
ns
V.35 Driver
20
50
ns
V
CC = +5.0V, TA @ +25°C
V.35 Receiver
20
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com