Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SP504 Datasheet(PDF) 19 Page - Sipex Corporation

Part # SP504
Description  WAN Multi-Mode Serial Transceiver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP504 Datasheet(HTML) 19 Page - Sipex Corporation

Back Button SP504 Datasheet HTML 15Page - Sipex Corporation SP504 Datasheet HTML 16Page - Sipex Corporation SP504 Datasheet HTML 17Page - Sipex Corporation SP504 Datasheet HTML 18Page - Sipex Corporation SP504 Datasheet HTML 19Page - Sipex Corporation SP504 Datasheet HTML 20Page - Sipex Corporation SP504 Datasheet HTML 21Page - Sipex Corporation SP504 Datasheet HTML 22Page - Sipex Corporation SP504 Datasheet HTML 23Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
19
Rev: A Date:1/27/04
SP504 Multi–Mode Serial Transceivers
© Copyright 2004 Sipex Corporation
Figure 18. Typical Operation Circuit
RD(a) 70
RxD 1
RD(b) 71
RT(a) 37
RxC 20
RT(b) 38
CS(a) 66
CTS 80
CS(b) 67
DM(a) 68
DSR 78
DM (b) 69
RR(a) 35
DCD 19
RR(b) 36
IC(a) 39
RI 21
IC(b) 40
SCT(a) 76
SCT 79
SCTEN 7
SCT(b) 77
14 TxD
61 SD(a)
59 SD(b)
22 ST
42 ST(a)
44 ST(b)
23 STEN
15 TxC
63 TT(a)
65 TT(b)
6
TTEN
13 DTR
58 TR(a)
56 TR(b)
16 RTS
54 RS(a)
52 RS(b)
17 RL
47 RL(a)
45 RL(b)
24 LL
51 LL(a)
49 LL(b)
22µF
22µF
1N5819
VCC
VDD
C1-
C2-
VSS
C1+
C2+
+5V
10µF
27
25
26
31
28
30
22µF
32
External
Latch
5
4
3
2
9
10
11
12
0
1
0
0
0
1
0
0
RS-422 Mode
Input Word
A
B
Charge Pump
A — Receiver Tri-State circuitry & V.35
termination resistor circuitry for
RxD, RxC & SCT.
B — Driver Tri-State circuitry & V.35
termination circuitry for TxD,
TxC & ST.
SP504
(SEE PAGE 12 FOR GROUND PINS)
① ☛ For V.35 Termination, needs to be connected
for proper V.35 operation.
A low on-
resistance (≤1Ω) FET or switch can be used
to connect and disconnect the resistor from
the non-inverting output.
150Ω
①
150Ω
①
150Ω
①
22µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com