Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADC08061 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC08061
Description  500 ns A/D Converter with S/H Function and Input Multiplexer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC08061 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  ADC08061 Datasheet HTML 1Page - National Semiconductor (TI) ADC08061 Datasheet HTML 2Page - National Semiconductor (TI) ADC08061 Datasheet HTML 3Page - National Semiconductor (TI) ADC08061 Datasheet HTML 4Page - National Semiconductor (TI) ADC08061 Datasheet HTML 5Page - National Semiconductor (TI) ADC08061 Datasheet HTML 6Page - National Semiconductor (TI) ADC08061 Datasheet HTML 7Page - National Semiconductor (TI) ADC08061 Datasheet HTML 8Page - National Semiconductor (TI) ADC08061 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Pin Description (Continued)
A0
This logic input is used to select one of the
ADC08062’s input multiplexer channels. A chan-
nel is selected as shown in the table below.
ADC08062
Channel
A0
0V
IN1
1V
IN2
V
+
Positive power supply voltage input. Nominal operating
supply voltage is +5V. The supply pin should be by-
passed with a 10 µF bead tantalum in parallel with a 0.1
ceramic capacitor. Lead length should be as short as
possible.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com