Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADC08061 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC08061
Description  500 ns A/D Converter with S/H Function and Input Multiplexer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC08061 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button ADC08061 Datasheet HTML 6Page - National Semiconductor (TI) ADC08061 Datasheet HTML 7Page - National Semiconductor (TI) ADC08061 Datasheet HTML 8Page - National Semiconductor (TI) ADC08061 Datasheet HTML 9Page - National Semiconductor (TI) ADC08061 Datasheet HTML 10Page - National Semiconductor (TI) ADC08061 Datasheet HTML 11Page - National Semiconductor (TI) ADC08061 Datasheet HTML 12Page - National Semiconductor (TI) ADC08061 Datasheet HTML 13Page - National Semiconductor (TI) ADC08061 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Timing Diagrams (Continued)
Typical Performance Characteristics
Application Information
1.0 FUNCTIONAL DESCRIPTION
The
ADC08061
and
ADC08062
perform
an
8-bit
analog-to-digital conversion using a multi-step flash tech-
nique. The first flash generates the five most significant bits
(MSBs) and the second flash generates the three least sig-
nificant bits (LSBs).
Figure 6 shows the major functional
blocks of the ADC08061/2’s multi-step flash converter. It
consists of an over-encoded 21⁄2-bit Voltage Estimator, an in-
ternal DAC with two different voltage spans, a 3-bit half-flash
converter and a comparator multiplexer.
The resistor string near the center of the block diagram in
Figure 6 forms the internal main DAC. Each of the eight re-
sistors at the bottom of the string is equal to 1/256 of the total
string resistance. These resistors form the LSB Ladder and
DS011086-10
FIGURE 5. RD Mode (Pipeline Operation) (Mode Pin is Low and t
RDW must be between 200 ns and 400 ns)
t
CRD vs Temperature
DS011086-25
Linearity Error vs
Reference Voltage
DS011086-26
Offset Error vs
Reference Voltage
DS011086-27
Supply Current
vs Temperature
DS011086-28
Logic Threshold
vs Temperature
DS011086-29
Output Current
vs Temperature
DS011086-30
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com