Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADC08061 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC08061
Description  500 ns A/D Converter with S/H Function and Input Multiplexer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC08061 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button ADC08061 Datasheet HTML 8Page - National Semiconductor (TI) ADC08061 Datasheet HTML 9Page - National Semiconductor (TI) ADC08061 Datasheet HTML 10Page - National Semiconductor (TI) ADC08061 Datasheet HTML 11Page - National Semiconductor (TI) ADC08061 Datasheet HTML 12Page - National Semiconductor (TI) ADC08061 Datasheet HTML 13Page - National Semiconductor (TI) ADC08061 Datasheet HTML 14Page - National Semiconductor (TI) ADC08061 Datasheet HTML 15Page - National Semiconductor (TI) ADC08061 Datasheet HTML 16Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Application Information (Continued)
The ADC08061 can perform accurate conversions of
full-scale input signals at frequencies from dc to more than
300 kHz (full power bandwidth) without the need of an exter-
nal sample-and-hold (S/H).
7.0 LAYOUT, GROUNDS, AND BYPASSING
In order to ensure fast, accurate conversions from the
ADC08061/2, it is necessary to use appropriate circuit board
layout techniques. Ideally, the analog-to-digital converter’s
ground reference should be low impedance and free of noise
from other parts of the system. Digital circuits can produce a
great deal of noise on their ground returns and, therefore,
should have their own separate ground lines. Best perfor-
mance is obtained using separate ground planes for the digi-
tal and analog parts of the system.
The analog inputs should be isolated from noisy signal
traces to avoid having spurious signals couple to the input.
Any external component (e.g., an input filter capacitor) con-
nected across the inputs should be returned to a very clean
ground point. Incorrectly grounding the ADC08061/2 will re-
sult in reduced conversion accuracy.
The V
+ supply pin, V
REF+, and VREF− (if not grounded)
should be bypassed with a parallel combination of a 0.1 µF
ceramic capacitor and a 10 µF tantalum capacitor placed as
close as possible to the supply pin using short circuit board
traces. See
Figures 8, 9.
External Reference 2.5V Full-Scale
(Standard Application)
DS011086-20
Note : Bypass capacitors consist of a 0.1 µF
ceramic in parallel with a 10 µF bead tantalum.
Power Supply as Reference
DS011086-21
Input Not Referred to GND
DS011086-22
* Signal source driving VIN(−) must be capable
of sinking 5 mA.
FIGURE 8. Analog Input Options
DS011086-23
Note the multiple bypass capacitors on the reference and power supply pins. VREF− should be bypass to analog ground using multiple capacitors if it is not
grounded (see Section 7.0 “Layout, Grounds, and Bypassing”). VIN1 is shown with an optional input protection network.
FIGURE 9. Typical Connection
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com