Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADC08061 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC08061
Description  500 ns A/D Converter with S/H Function and Input Multiplexer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC08061 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  ADC08061 Datasheet HTML 1Page - National Semiconductor (TI) ADC08061 Datasheet HTML 2Page - National Semiconductor (TI) ADC08061 Datasheet HTML 3Page - National Semiconductor (TI) ADC08061 Datasheet HTML 4Page - National Semiconductor (TI) ADC08061 Datasheet HTML 5Page - National Semiconductor (TI) ADC08061 Datasheet HTML 6Page - National Semiconductor (TI) ADC08061 Datasheet HTML 7Page - National Semiconductor (TI) ADC08061 Datasheet HTML 8Page - National Semiconductor (TI) ADC08061 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AC Electrical Characteristics (Continued)
The following specifications apply for V
+ = 5V, t
r = tf = 10 ns, VREF+ = 5V, VREF− = 0V unless otherwise specified. Bold-
face limits apply for T
A = TJ = TMIN to TMAX; all other limits TA = TJ = 25˚C.
Symbol
Parameter
Condition
Typical
(Note 7)
Limits
(Note 8)
Units
(Limit)
tRDW
RD Width
Mode Pin to GND; (
Figure 5)
200
250
ns (min)
400
400
ns (max)
tCONV
WR -RD Mode Conversion Time
Mode Pin to V
+;(Figure 2)
500
560
ns (max)
(tWR +tRD +tACC1)
tCRD
RD Mode Conversion Time
Mode Pin to GND; (
Figure 1)
655
900
ns (max)
tACCO
Access Time (Delay from Falling
CL ≤ 100 pF
640
900
ns (max)
Edge of RD to Output Valid)
Mode Pin to GND; (
Figure 1)
tACC1
Access Time (Delay from
CL ≤ 10 pF
45
110
ns (max)
Falling Edge
CL = 100 pF
50
of RD to Output Valid)
Mode Pin to V
+,t
RD ≤ tINTL
(
Figure 2)
tACC2
Access Time (Delay from
CL ≤ 10 pF
25
55
ns (max)
Falling Edge
CL = 100 pF
30
of RD to Output Valid)
tRD > tINTL;(Figures 3, 4)
t0H
TRI-STATE® Control (Delay from
RL = 3kΩ,CL = 10 pF
30
60
ns (max)
Rising Edge of RD to HI-Z State)
t1H
TRI-STATE Control (Delay from
RL = 3kΩ,CL = 10 pF
30
60
ns (max)
Rising Edge of RD to HI-Z State)
tINTL
Delay from Rising Edge of
(
Figures 3, 4)
520
690
ns (max)
WR to Falling Edge of INT
Mode Pin = V
+,C
L = 50 pF
tINTH
Delay from Rising Edge of
CL = 50 pF; (Figures 1, 2, 3, 4)50
95
ns (max)
RD to Rising Edge of INT
2b, and 4 )
tINTH
Delay from Rising Edge of
CL = 50 pF; (Figure 4)45
95
ns (max)
WR to Rising Edge of INT
tRDY
Delay from CS to RDY
Mode Pin = 0V, CL = 50 pF,
25
45
ns (max)
RL = 3kΩ (Figure 1)
tID
Delay from INT to Output Valid
RL = 3kΩ,CL = 100 pF;
0
15
ns (max)
(
Figure 4)
tRI
Delay from RD to INT
Mode Pin = V
+,t
RD ≤ tINTL;
60
115
ns (max)
(
Figure 3)
tN
Time between End of RD
(
Figures 1, 2, 3, 4, 5)50
50
ns (min)
and Start of New Conversion
tAH
Channel Address Hold Time
(
Figures 1, 2, 3, 4, 5)10
60
ns (min)
tAS
Channel Address Setup Time
(
Figures 1, 2, 3, 4, 5)0
0
ns (max)
tCSS
CS Setup Time
(
Figures 1, 2, 3, 4, 5)0
0
ns (max)
tCSH
CS Hold Time
(
Figures 1, 2, 3, 4, 5)0
0
ns (min)
CVIN
Analog Input Capacitance
25
pF
COUT
Logic Output Capacitance
5
pF
CIN
Logic Input Capacitance
5
pF
DC Electrical Characteristics
The following specifications apply for V
+ = 5V unless otherwise specified. Boldface limits apply for T
A = TJ = TMIN to TMAX;
all other limits T
A = TJ = 25˚C.
Symbol
Parameter
Conditions
Typical
Limits
Units
(Limit)
(Note 7)
(Note 8)
V
IH
Logic “1” Input Voltage
V
+ = 5.5V
Mode Pin
3.5
V (min)
ADC08062
CS, WR, RD, A0 Pins
2.2
V (min)
ADC08061
CS, WR, RD Pins
2.0
V (min)
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com