Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PI3USB302-A Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI3USB302-A
Description  3.3V, USB 3.0, 1-Port, 2:1 Mux/DeMux Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3USB302-A Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI3USB302-A Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3USB302-A Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3USB302-A Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3USB302-A Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3USB302-A Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3USB302-A Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3USB302-A Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3USB302-A Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3USB302-A Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
www.pericom.com
06/17/15
All trademarks are property of their respective owners.
PI3USB302-A
3.3V, USB 3.0, 1-Port, 2:1 Mux/DeMux Switch
Dynamic Electrical Characteristics
Parameter
Description
Test Conditions
Min.
Typ.(1)
Max.
Units
DDIL2,3
Differential Insertion Loss
(VIN = -10dBm, DC = 0V)
f= 100MHz
f= 1.25GHz
f= 2.5GHz
f=4.0GHz
-0.4
-0.6
-1.0
-1.7
dB
DDILOFF2,3
Differential Off Isolation
f= 100MHz
f= 1.25GHz
f= 2.5GHz
f=4.0GHz
-59
-37
-27
-21
dB
DDRL2
Differential Return Loss
f= 100MHz
f= 1.25GHz
f= 2.5GHz
f= 4.0GHz
-27
-23.3
-23.3
-13.5
dB
DDNEXT2,3 Near End Crosstalk
f= 100MHz
f= 1.25GHz
f= 2.5GHz
f= 4.0GHz
-57
-38
-33
-32
dB
BW
-3dB Bandwidth
8.1
GHz
Notes:
1.Guaranteed by design. Typical values are at VDD = 3.3V , TA = 25°C ambient and maximum loading.
2. S parameters are measured with our evaluation board made with Rogers (R04350) material. Trace width is 30 mil, length 540 mil, trace impedence is 50 Ohm
(+/- 5%) and total insertion loss of the trace is 0.5dB@4GHz.
3. Measurement done with fixture deembedding.
+
–
+
–
BALANCED
PORT1
DUT
+
–
50
50
+
–
BALANCED
PORT2
50
50
Diff. Near End Xtalk Test Circuit
+
–
+
–
BALANCED
PORT1
BALANCED
PORT2
DUT
+
–
50
50
Diff. Off Isolation Test Circuit
+
–
+
–
BALANCED
PORT1
BALANCED
PORT2
DUT
Diff. Insertion Loss and Return Test
Circuit
15-0076



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com