Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PI3USB302-A Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI3USB302-A
Description  3.3V, USB 3.0, 1-Port, 2:1 Mux/DeMux Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3USB302-A Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI3USB302-A Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3USB302-A Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3USB302-A Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3USB302-A Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3USB302-A Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3USB302-A Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3USB302-A Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3USB302-A Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3USB302-A Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
www.pericom.com
06/17/15
All trademarks are property of their respective owners.
Features
Î
Î
2 Differential Channel, 2:1 Mux/DeMux
Î
Î
USB 3.0 SuperSpeed switch
Î
Î
Bi-directional operation
Î
Î
Low Bit-to-Bit Skew, 10 ps max
Î
Î
3dB Bandwidth = 8.1GHz
Î
Î
Low channel-to-channel skew: 20 ps max
Î
Î
Low insertion loss: -1dB @ 2.5 GHz (5.0 Gbps)
Î
Î
Low Crosstalk: -33dB @ 2.5 GHz (5.0 Gbps)
Î
Î
Low Off Isolation: -27dB @ 2.5 GHz (5.0 Gbps)
Î
Î
Low Return Loss: -23.3dB @ 2.5GHz (5.0Gbps)
Î
Î
VDD Operating Range: 3.3 V +/-10%
Î
Î
ESD Tolerance: 2 kV HBM
Î
Î
Low current: 0.2mA Typ.
Î
Î
Packaging (Pb-free & Green):
à
– 20-contact TQFN (2.5 × 4.5mm)
Description
Pericom Semiconductor’s PI3USB302-A is a 2-differential chan-
nel bi-directional multiplexer/demultiplexer switch. Due to its
low bit-to-bit skew, high channel-to-channel noise isolation and
bandwidth, this product is ideal for USB 3.0 signal switching at
5.0 Gbps.
Application
Routing USB 3.0 SuperSpeed signals
Block Diagram
Pin Description (Top-side view)
Rx-
Rx+
Tx-
Tx+
Tx1-
Tx1+
Tx2-
Tx2+
Rx1-
Rx1+
Rx2-
Rx2+
SEL
PD
Switch
Control
PD
Tx+
GND
Tx1+
Tx1-
Rx1+
Rx1-
Tx2+
Tx2-
Rx2-
2
3
4
5
6
7
8
9
1
20
10
11
GND
VDD
Rx+
Rx-
Rx2+
SEL
Tx-
19
18
17
16
15
14
13
12
Truth Table
Function
SEL
PD
port 1 is active
L
L
port 2 is active
H
L
Both Ports Hi-z, IC power down
x
H
PI3USB302-A
3.3V, USB 3.0, 1-Port, 2:1 Mux/DeMux Switch
15-0076


Similar Part No. - PI3USB302-A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI3USB3031 DIODES-PI3USB3031 Datasheet
1Mb / 10P
2-Channel, 1:3, USB 2.0 and MHL MUX/DeMUX
Rev 3-2 January 2024
PI3USB3031 DIODES-PI3USB3031 Datasheet
473Kb / 2P
6.5GHz Double-Pole-Triple-Throw Mux/DeMux with OVT for USB 2.0 and MHL Switching in Portable Applications
May 2025
PI3USB3031XUAEX DIODES-PI3USB3031XUAEX Datasheet
1Mb / 10P
2-Channel, 1:3, USB 2.0 and MHL MUX/DeMUX
Rev 3-2 January 2024
PI3USB3031XUAEX DIODES-PI3USB3031XUAEX Datasheet
473Kb / 2P
6.5GHz Double-Pole-Triple-Throw Mux/DeMux with OVT for USB 2.0 and MHL Switching in Portable Applications
May 2025
PI3USB3031ZNEX DIODES-PI3USB3031ZNEX Datasheet
1Mb / 10P
2-Channel, 1:3, USB 2.0 and MHL MUX/DeMUX
Rev 3-2 January 2024
More results

Similar Description - PI3USB302-A

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3B3257 PERICOM-PI3B3257 Datasheet
192Kb / 5P
3.3V, Quad 2:1 Mux/Demux Bus Switch
logo
Texas Instruments
HD3SS6126 TI1-HD3SS6126 Datasheet
815Kb / 16P
USB 3.0 and USB 2.0 Differential Switch 2:1/1:2 MUX/DEMUX
logo
Potato Semiconductor Co...
PO3B402A POTATO-PO3B402A_14 Datasheet
956Kb / 5P
4-Port 2-Channel, 2:1 Mux/DeMux Switch
logo
Texas Instruments
HD3SS6126 TI1-HD3SS6126_14 Datasheet
817Kb / 17P
USB 3.0 and USB 2.0 Differential Switch 2:1/1:2 MUX/DEMUX
logo
Analog Devices
ADG787 AD-ADG787_15 Datasheet
421Kb / 16P
Dual 2:1 Mux/Demux USB 1.1 Switch
REV. A
logo
Pericom Semiconductor C...
PI2USB4122 PERICOM-PI2USB4122 Datasheet
1Mb / 6P
USB 3.0, 4:1 Mux/DeMux Switch
PI3PCIE2215 PERICOM-PI3PCIE2215 Datasheet
409Kb / 10P
3.3V, PCI Express 1-lane, 2:1 Mux/DeMux Switch
PI3USB304 PERICOM-PI3USB304 Datasheet
1Mb / 9P
3.3V USB 3.0 SuperSpeed Dual 2:1 Mux/DeMux Switch with Enable
PI2USB3212 PERICOM-PI2USB3212_14 Datasheet
894Kb / 8P
5.0Gbps USB 3.0 Compatible 2:1 Mux/DeMux Switch
PI3PCIE3415 PERICOM-PI3PCIE3415_13 Datasheet
1Mb / 10P
3.3V, PCI Express 3.0 2-Lane, 2:1 Mux/DeMux Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com