Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PI3USB302-A Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI3USB302-A
Description  3.3V, USB 3.0, 1-Port, 2:1 Mux/DeMux Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3USB302-A Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI3USB302-A Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3USB302-A Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3USB302-A Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3USB302-A Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3USB302-A Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3USB302-A Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3USB302-A Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3USB302-A Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3USB302-A Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
www.pericom.com
06/17/15
All trademarks are property of their respective owners.
PI3USB302-A
3.3V, USB 3.0, 1-Port, 2:1 Mux/DeMux Switch
Note: Stresses greater than those listed under MAXI-
MUM RATINGS may cause permanent damage to
the device. This is a stress rating only and functional
operation of the device at these or any other conditions
above those indicated in the operational sections of
this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may
affect reliability.
Maximum Ratings
(Above which useful life may be impaired. For user guidelines, not tested.)
DC Electrical Characteristics for Switching over Operating Range
Parameters
Description
Test Conditions(1)
Min
Typ(1)
Max
Units
VIH-SEL, PD
Input HIGH Voltage, SEL, PD Input
2
3.6
V
VIL-SEL, PD
Input LOW Voltage, SEL, PD Input
0
0.8
VIK
Clamp Diode Voltage
VDD = Max, IIN = –18mA
–0.7
–1.2
IIH
Input HIGH Current SEL, PD Input
VDD = Max, VIN = VDD
-5
+5
µA
IIL
Input LOW Current, SEL, PD Input
VDD = Max, VIN = 0V
-5
+5
IIH
Input High Current, TX, RX
VDD = Max, VIN = 1.5V
-10
+10
IIL
Input LOW Current, TX, RX
VDD = Max, VIN = 0V
-10
+10
IOZH
High Z HIGH Current, TX, RX
VDD = Max, VIN = 1.5V
-10
+10
µA
IOZL
High Z LOW Current, TX, RX
VDD = Max, VIN = 0V
-10
+10
µA
Note:
1. Typical values are at VDD = 3.3V, TA = 25°C ambient and maximum loading.
Switching Characteristics
Parameters
Description
Test Conditions
Min.
Typ.
Max. Units
tPZH, tPZL
Line Enable Time
25
30
ns
tPHZ, tPLZ
Line Disable Time
5
25
tb-b
Bit-to-bit skew within the same differential pair
5
10
ps
tch-ch
Channel-to-channel skew
20
Recommended Operating Conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VDD
3.3V Power Supply
3.0
3.3
3.6
V
IDD
Total current from VDD
3.3V supply
SEL = 0V or VDD,
0.2
1
mA
IDD_PD
Power down current
PD = 1
20
40
uA
TCASE
Case temperature range
for operation within spec.
-40
85
Celsius
Electrical Characteristics
Storage Temperature ....................................................–65°C to +150°C
Supply Voltage to Ground Potential ................................–0.5V to +4.6V
Channel DC Input Voltage ................................................–0.5V to 1.5V
SEL/PD DC Input Voltage ................................................–0.5V to 4.6V
DC Output Current .......................................................................120mA
Power Dissipation ...........................................................................0.5W
15-0076



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com