Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PI3USB302-A Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI3USB302-A
Description  3.3V, USB 3.0, 1-Port, 2:1 Mux/DeMux Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3USB302-A Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI3USB302-A Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3USB302-A Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3USB302-A Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3USB302-A Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3USB302-A Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3USB302-A Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3USB302-A Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3USB302-A Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3USB302-A Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
www.pericom.com
06/17/15
All trademarks are property of their respective owners.
PI3USB302-A
3.3V, USB 3.0, 1-Port, 2:1 Mux/DeMux Switch
Pin Description
Pin #
Pin Name I/O
Description
2
PD
I
Power Down input. see truth table on page 1 for functionality
3
Tx+
I/O
Signal I/O, Transmit differential pair from common port
4
Tx-
I/O
7
8
Rx+
Rx-
I/O
Signal I/O, Receive differential pair from common port
9
SEL
I
Operation mode Select
(when SEL=0: port 1 is active, when SEL=1: port 2 is active
14
15
Tx2-
Tx2+
I/O
Signal I/O, Transmit differential pair, port 2
12
Rx2-
I/O
Signal I/O, Receive differential pair, port 2
13
Rx2+
I/O
17
16
Rx1+
Rx1-
I/O
Signal I/O, Receive differential pair, port 1
19
18
Tx1+
Tx1-
I/O
Signal I/O, Transmit differential pair, port 1
6, 10, 1
VDD
Pwr
3.3V ±10% Positive Supply Voltage
5, 11, 20, center pad
GND
Pwr
Power ground
15-0076



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com