Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RFAM2790 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RFAM2790
Description  Integrated Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFAM2790 Datasheet(HTML) 4 Page - RF Micro Devices

  RFAM2790 Datasheet HTML 1Page - RF Micro Devices RFAM2790 Datasheet HTML 2Page - RF Micro Devices RFAM2790 Datasheet HTML 3Page - RF Micro Devices RFAM2790 Datasheet HTML 4Page - RF Micro Devices RFAM2790 Datasheet HTML 5Page - RF Micro Devices RFAM2790 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4 of 6
RFAM2790
DS121001
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Evaluation Board Layout
Component Chart
Component Type
Value
Qty
Designator
Comments
Evaluation Board
RFAM2790PCBA-410
1
Capacitor
DNI
1
C1
optional, to improve matching
in application
Capacitor
4.7nF
7
C2, C3, C4, C5, C6, C8, C9
Capacitor
DNI
1
C7
optional, to improve matching
in application
Resistor
10k
1R1
Chip Bead
60
 at 100MHz
1
FB1
ESD Protection Diode
TQP200002
2
D1, D4
Zener Voltage Diode
MM3Z5V6T1G
1
D2
Transient Voltage Suppressor Diode
TGL34-33A
1
D3
Transformer
RFXF0006
1
T1
Transformer
RFXF0008
1
T2
Transformer
RFXF0009
1
T3
DUT
RFAM2790
1
U1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com