Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RFAM2790 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RFAM2790
Description  Integrated Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFAM2790 Datasheet(HTML) 5 Page - RF Micro Devices

  RFAM2790 Datasheet HTML 1Page - RF Micro Devices RFAM2790 Datasheet HTML 2Page - RF Micro Devices RFAM2790 Datasheet HTML 3Page - RF Micro Devices RFAM2790 Datasheet HTML 4Page - RF Micro Devices RFAM2790 Datasheet HTML 5Page - RF Micro Devices RFAM2790 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5 of 6
RFAM2790
DS121001
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Pin Configuration
Pin Names and Descriptions
Pin
Name
Description
1POWER
ENABLE
Logic Level (3.3V) Power Enable Control
2
ATTENUATOR
ADJUST
Voltage Adjustable Attenuator
3RF IN +
RF AMP Positive Input
4RF IN -
RF AMP Negative Input
5RF OUT -
RF AMP Negative Output
6DC OUT
12V Output
7RF OUT +
RF AMP Positive Output
8V2+
Supply Voltage 5.6V
9V1+
Supply Voltage 12V
1
2
3
4
5
6
7
8
9
POWER ENABLE
ATTENUATOR ADJUST
RF IN +
RF IN -
RF OUT -
DC OUT
RF OUT +
V2 +
V1 +
GND



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com