Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RFAM2790 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFAM2790
Description  Integrated Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFAM2790 Datasheet(HTML) 1 Page - RF Micro Devices

  RFAM2790 Datasheet HTML 1Page - RF Micro Devices RFAM2790 Datasheet HTML 2Page - RF Micro Devices RFAM2790 Datasheet HTML 3Page - RF Micro Devices RFAM2790 Datasheet HTML 4Page - RF Micro Devices RFAM2790 Datasheet HTML 5Page - RF Micro Devices RFAM2790 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1 of 6
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2012, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Ordering Information
BiFET HBT
SOI
POWER ENABLE
INPUT
OUTPUT
Preamp
Driver
V+
ATTENUATOR
ADJUST
RFAM2790
45MHz to 1003MHz GaAs Edge QAM
Integrated Amplifier
The RFAM2790 is an integrated edge QAM amplifier module. The part employs
GaAs pHEMT die, GaAs MESFET die, a 20dB range variable attenuator and a power
enable feature, has high output capability, and is operated from 45MHz to
1003MHz. It provides excellent linearity and superior return loss performance with
low noise and optimal reliability.
Features
Excellent Linearity
Extremely High Output Capability
Voltage Controlled Attenuator
Power Enable Feature
Optimal Reliability
Low Noise
Unconditionally Stable Under all
Terminations
27dB Typical Gain at 1003MHz
410mA Typical at 12VDC
Applications
45MHz to 1003MHz
Downstream Edge QAM RF
Modulators
Headend Equipment
DS121001
Package: 9-pin, 11.0mm x 11.0mm x 1.375mm
RFAM2790
45MHz to
1003MHz
GaAs Edge
QAM Inte-
grated Ampli-
fier
RFAM2790SB
Sample bag with 5 pieces
RFAM2790SR
7" Reel with 100 pieces
RFAM2790TR7
7" Reel with 250 pieces
RFAM2790TR13
13" Reel with 750 pieces
RFAM2790PCBA-410 Fully Assembled Evaluation Board


Similar Part No. - RFAM2790

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
RFAM3620 TRIQUINT-RFAM3620 Datasheet
542Kb / 10P
CATV Edge QAM MCM 1218MHz 36dB
logo
Qorvo, Inc
RFAM3620 QORVO-RFAM3620 Datasheet
592Kb / 10P
CATV Edge QAM MCM 1218MHz 36dB
Rev. K, Oct 07, 2021
logo
TriQuint Semiconductor
RFAM3620PCBA-410 TRIQUINT-RFAM3620PCBA-410 Datasheet
542Kb / 10P
CATV Edge QAM MCM 1218MHz 36dB
logo
Qorvo, Inc
RFAM3620PCBA-410 QORVO-RFAM3620PCBA-410 Datasheet
592Kb / 10P
CATV Edge QAM MCM 1218MHz 36dB
Rev. K, Oct 07, 2021
logo
TriQuint Semiconductor
RFAM3620SB TRIQUINT-RFAM3620SB Datasheet
542Kb / 10P
CATV Edge QAM MCM 1218MHz 36dB
More results

Similar Description - RFAM2790

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1171 NTE-NTE1171 Datasheet
26Kb / 3P
Integrated Circuit Operational Amplifier
NTE941 NTE-NTE941 Datasheet
25Kb / 3P
Integrated Circuit Operational Amplifier
logo
National Semiconductor ...
LM4856 NSC-LM4856 Datasheet
1Mb / 23P
Integrated Audio Amplifier System
logo
Roithner LaserTechnik G...
UV-TIAMO ROITHNER-UV-TIAMO Datasheet
703Kb / 3P
integrated transimpedance amplifier
UV-TIAMO-BL ROITHNER-UV-TIAMO-BL Datasheet
753Kb / 3P
integrated transimpedance amplifier
UV-TIAMO-M ROITHNER-UV-TIAMO-M Datasheet
696Kb / 3P
integrated transimpedance amplifier
UV-TIAMO-S ROITHNER-UV-TIAMO-S Datasheet
704Kb / 3P
integrated transimpedance amplifier
logo
RF Micro Devices
RFCM5304 RFMD-RFCM5304 Datasheet
607Kb / 7P
INTEGRATED AMPLIFIER
logo
M/A-COM Technology Solu...
MAAP-118260 MA-COM-MAAP-118260 Datasheet
1Mb / 13P
Fully Integrated Power Amplifier
logo
Renesas Technology Corp
ISL54000 RENESAS-ISL54000 Datasheet
546Kb / 11P
Integrated Audio Amplifier Systems
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com