Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA9116 Datasheet(PDF) 19 Page - STMicroelectronics

Part # TDA9116
Description  LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9116 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button TDA9116 Datasheet HTML 15Page - STMicroelectronics TDA9116 Datasheet HTML 16Page - STMicroelectronics TDA9116 Datasheet HTML 17Page - STMicroelectronics TDA9116 Datasheet HTML 18Page - STMicroelectronics TDA9116 Datasheet HTML 19Page - STMicroelectronics TDA9116 Datasheet HTML 20Page - STMicroelectronics TDA9116 Datasheet HTML 21Page - STMicroelectronics TDA9116 Datasheet HTML 22Page - STMicroelectronics TDA9116 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 47 page
background image
TDA9116
19/47
8 - TYPICAL OUTPUT WAVEFORMS
Note (43)
Function
Sad
Pin
Byte
Waveform
Effect on Screen
Vertical Size
07
VOut
x0000000
x1111111
Vertical
Position
08
VOut
x0000000
x1000000
x1111111
S-correction
09
VOut
x0000000:
Null
x1111111:
Max.
C-correction
0A
VOut
x0000000
x1000000 :
Null
x1111111
Vmid(VOut)
Vamp(min)
Vmid(VOut)
Vamp(max)
Vmid(VOut)
3.5V
Vmid(VOut)
3.5V
Vmid(VOut)
3.5V
VVOamp
VVOS-cor
VVOamp
tVR
0
¼TVR
¾TVR TVR
VVOC-cor
VVOamp
tVR
0
½TVR
TVR
VVOamp
VVOC-cor
VVOamp
tVR
0
½TVR
TVR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com