Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA9116 Datasheet(PDF) 46 Page - STMicroelectronics

Part # TDA9116
Description  LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9116 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button TDA9116 Datasheet HTML 39Page - STMicroelectronics TDA9116 Datasheet HTML 40Page - STMicroelectronics TDA9116 Datasheet HTML 41Page - STMicroelectronics TDA9116 Datasheet HTML 42Page - STMicroelectronics TDA9116 Datasheet HTML 43Page - STMicroelectronics TDA9116 Datasheet HTML 44Page - STMicroelectronics TDA9116 Datasheet HTML 45Page - STMicroelectronics TDA9116 Datasheet HTML 46Page - STMicroelectronics TDA9116 Datasheet HTML 47Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 46 / 47 page
background image
TDA9116
Revision follow-up
PRODUCT PREVIEW
September 2000
version 2.0
Document created from last version of TDA9113 with changes emphasized in red.
In internal schematics, Pin 11 copied from TDA9115.
November 23, 2000
version 2.0
correction in pages 11, 14, 17, 20: HPOS and HSIZE were described on 8 bits instead of 7.
page 34:the unused current source has been deleted
page 36, figure 14: text relative to int./ext. sawtooth has been deleted.
January 11, 2001
version 2.1
page 8: value for autosync frequency (4.5) ratio replaced by 4.28
April 10, 2001
version 2.2,
page 10: new values for VRefO: 7.65, 7.9, 8.2 (min, typ, max respectively)
Page 17: new values for VThrXRay: 7.65, 7.9, 8.2 (min, typ, max respectively)
April 18, 2001
version 2.2
page 14: VEW-BCor parameter: in test conditions, sadOE replaced by sadOF
PRELIMINARY DATA
July 13, 2001
version 3.0
Section 10.4.1 -right column"The higher its value,..." ---> "The lower its value"
Section 10.5 -."...at the vertical middle..." ---> "...in the vertical middle..."
Section 7.6 -EW DRIVE SECTION parameter "
∆VEW/VEW.∆V
HO", added [fmax].
and changed value to +20
Note 31: added: “VEW[fmax] is the value at conditionVHO>VHOThrfr”.
Section 10.4 - “stabilizing time” changed to “stabilization time” (twice)
Section 7.9 - : max values for vertical and horizontal moiré cancellers moved to typ. val-
ues
DATASHEET
October 11, 2001
version 4.0
Section 7.1 -added “Min. Typ. Max.” in Thermal Data table
Section 10.5 -.Replaced figure 13: EWOut output waveforms
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com